Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA326 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STA326
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA326 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STA326 Datasheet HTML 26Page - STMicroelectronics STA326 Datasheet HTML 27Page - STMicroelectronics STA326 Datasheet HTML 28Page - STMicroelectronics STA326 Datasheet HTML 29Page - STMicroelectronics STA326 Datasheet HTML 30Page - STMicroelectronics STA326 Datasheet HTML 31Page - STMicroelectronics STA326 Datasheet HTML 32Page - STMicroelectronics STA326 Datasheet HTML 33Page - STMicroelectronics STA326 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
Register description
STA326
30/64
DocID11531 Rev 9
7.4
Configuration register D (addr 0x03)
The STA326 features an internal digital high-pass filter for the purpose of DC Blocking. The
purpose of this filter is to prevent DC signals from passing through a DDX® amplifier. DC
signals can cause speaker damage.
By setting this bit to 1, the de-emphasis will be implemented on all channels. DSPB, bit D2
of CONFD (configuration register D), must be set to 0 for de-emphasis to function.
Setting the DSPB bit bypasses all the EQ and mixing functionality of the STA326 core.
Postscale functionality is an attenuation placed after the volume control and directly before
the conversion to PWM. Postscale can also be used to limit the maximum modulation index
and therefore the peak current. A setting of 1 in the PSL register will result in the use of the
value stored in channel 1 postscale for all three internal channels.
D7
D6
D5
D4
D3
D2
D1
D0
MME
ZDE
DRC
BQL
PSL
DSPB
DEMP
HPB
01
0
0
0
0
0
0
Table 25. High-pass filter bypass
Bit
R/W
RST
Name
Description
0
RW
0
HPB
High-pass filter bypass bit.
0: AC coupling high pass filter enabled
1: AC coupling high pass filter disabled
Table 26. De-emphasis
Bit
R/W
RST
Name
Description
1
RW
0
DEMP
De-emphasis:
0: no de-emphasis
1: de-emphasis
Table 27. DSP bypass
Bit
R/W
RST
Name
Description
2
RW
0
DSPB
DSP bypass bit:
0: normal Operation
1: bypass of EQ and mixing functionality
Table 28. Postscale link
Bit
R/W
RST
Name
Description
3
RW
0
PSL
Postscale link:
0: each channel uses individual postscale value
1: each channel uses channel 1 postscale value
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com