Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333W Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA333W
Description  2 channel high-efficiency digital audio system Sound Terminal
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA333W Datasheet HTML 5Page - STMicroelectronics STA333W Datasheet HTML 6Page - STMicroelectronics STA333W Datasheet HTML 7Page - STMicroelectronics STA333W Datasheet HTML 8Page - STMicroelectronics STA333W Datasheet HTML 9Page - STMicroelectronics STA333W Datasheet HTML 10Page - STMicroelectronics STA333W Datasheet HTML 11Page - STMicroelectronics STA333W Datasheet HTML 12Page - STMicroelectronics STA333W Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
DocID13365 Rev 3
9/50
STA333W
Pin description
50
10
O
OUT1B
Output half bridge 1B
11
PWR
VCC1
Power positive supply
12
PWR
GND1
Power negative supply
13
O
OUT1A
Output half bridge 1A
14
PWR
GND_REG
Internal ground reference
15
PWR
VDD_REG
Internal 3.3-V reference voltage
16
I
CONFIG
Paralleled mode command
17
-
N.C.
No internal connection
18
-
N.C.
No internal connection
19
-
N.C.
No internal connection
20
-
N.C.
No internal connection
21
PWR
VDD_DIG
Positive supply digital
22
PWR
GND_DIG
Digital ground
23
I
PWRDN
Power down:
0: power stage is switched off then the PLL is also
switched off (this operation take 13 million clock cycles)
1: normal operation
24
PWR
VDD_PLL
Positive supply for PLL
25
I
FILTER_PLL
Connection to PLL filter
26
PWR
GND_PLL
Negative supply for PLL
27
I
XTI
PLL input clock, 256 * fS, or 384 * fS
28
I
BICKI
I²S serial clock
29
I
LRCKI
I²S left/right clock
30
I
SDI
I²S serial data channel
31
I
RESET
Reset:
0: reset state, power stage is switched off, all registers are
set to default value
1: normal operation
32
O
INT_LINE
Fault interrupt
33
I/O
SDA
I²C serial data, used as SDA_OUT
34
I
SCL
I²C serial clock
35
PWR
GND_DIG
Digital ground
36
PWR
VDD_DIG
Digital supply
--
EP
Exposed pad for ground-plane heatsink, to be connected
to GND
Table 2. Pin description (continued)
Number
Type
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com