Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333W Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA333W
Description  2 channel high-efficiency digital audio system Sound Terminal
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W Datasheet(HTML) 1 Page - STMicroelectronics

  STA333W Datasheet HTML 1Page - STMicroelectronics STA333W Datasheet HTML 2Page - STMicroelectronics STA333W Datasheet HTML 3Page - STMicroelectronics STA333W Datasheet HTML 4Page - STMicroelectronics STA333W Datasheet HTML 5Page - STMicroelectronics STA333W Datasheet HTML 6Page - STMicroelectronics STA333W Datasheet HTML 7Page - STMicroelectronics STA333W Datasheet HTML 8Page - STMicroelectronics STA333W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
This is information on a product in full production.
February 2014
DocID13365 Rev 3
1/50
STA333W
2 channel high-efficiency digital audio system
Sound Terminal™
Datasheet
- production data
Features
 Wide supply-voltage range (4.5 V - 20 V)
 2 power output configurations
– 2 channels of binary PWM (stereo mode)
– 2 channels of ternary PWM (stereo mode)
 PowerSSO-36 with exposed pad down
 2 channels of 24-bit DDX®
 100-dB SNR and dynamic range
 Selectable 32- to 192-kHz input sample rates
 I²C control with selectable device address
 Digital gain -80 dB to +48 dB in 0.5-dB steps
 Software volume update
 Individual channel and master gain/attenuation
 Individual channel and master software and
hardware mute
 Independent channel volume bypass
 Automatic zero-detect mute
 Automatic invalid input detect mute
 2-channel I²S input data Interface
 Selectable clock input ratio
 Input channel mapping
 Automatic volume control for limiting maximum
power
 96-kHz internal processing sample rate, 24-bit
precision
 Advanced AM interference frequency
switching and noise suppression modes
 Thermal-overload and short-circuit protection
embedded
 Video application: 576 * f
S input mode support
Applications
 LCD
 DVD
 Cradle
 Digital speaker
 Wireless-speaker cradle
Description
The STA333W is an integrated circuit comprising
digital audio processing, digital amplifier control
and DDX® power output stage to create a high-
power, single-chip DDX® solution for all-digital
amplification with high quality and high efficiency.
The STA333W power section consists of four
independent half-bridges stages. These can be
configured via digital control to operate in different
modes. 2 channels can be provided by two full
bridges, providing up to 20 W + 20 W of power.
Also provided in the STA333W are new advanced
AM radio interference reduction modes. The
serial audio data input interface accepts all
possible formats, including the popular I²S format.
Three channels of DDX® processing are
provided.
The STA333W is part of the Sound Terminal™
family that provides full digital audio streaming to
the speaker offering cost effectiveness, low power
dissipation and sound enrichment.
PowerSSO-36 package
with exposed pad down (EPD)
Table 1. Device summary
Order code
Package
Packaging
STA333W13TR
PowerSSO-36
EPD
Tape and reel
www.st.com


Similar Part No. - STA333W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA333W STMICROELECTRONICS-STA333W Datasheet
660Kb / 42P
2-channel high-efficiency digital audio system
25-May-2007
STA333W STMICROELECTRONICS-STA333W Datasheet
1Mb / 49P
2-channel high-efficiency digital audio system Sound Terminal?
21-Jan-2010
STA333W13TR STMICROELECTRONICS-STA333W13TR Datasheet
660Kb / 42P
2-channel high-efficiency digital audio system
25-May-2007
STA333W13TR STMICROELECTRONICS-STA333W13TR Datasheet
1Mb / 49P
2-channel high-efficiency digital audio system Sound Terminal?
21-Jan-2010
STA333W STMICROELECTRONICS-STA333W_10 Datasheet
1Mb / 49P
2-channel high-efficiency digital audio system Sound Terminal?
21-Jan-2010
More results

Similar Description - STA333W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA333ML STMICROELECTRONICS-STA333ML Datasheet
205Kb / 15P
Sound Terminal TM 2 channel microless high efficiency digital audio system
01-Feb-2007
STA333ML STMICROELECTRONICS-STA333ML_08 Datasheet
181Kb / 14P
Sound TerminaTM 2-channel microless high-efficiency digital audio system
02-May-2008
STA370BWS STMICROELECTRONICS-STA370BWS Datasheet
109Kb / 5P
2.1-channel 40-W high-efficiency digital audio system Sound Terminal?
10-Dec-2009
STA333W STMICROELECTRONICS-STA333W_10 Datasheet
1Mb / 49P
2-channel high-efficiency digital audio system Sound Terminal?
21-Jan-2010
STA335ML STMICROELECTRONICS-STA335ML Datasheet
1Mb / 20P
2-channel microless high-efficiency digital audio system Sound Terminal®
18-Jul-2011
STA369BW STMICROELECTRONICS-STA369BW Datasheet
2Mb / 88P
Sound Terminal® 2.1-channel high-efficiency digital audio system
21-Jul-2011
STA369BWS STMICROELECTRONICS-STA369BWS Datasheet
2Mb / 89P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
04-Nov-2010
STA381BW STMICROELECTRONICS-STA381BW Datasheet
3Mb / 171P
Sound Terminal® 2.1-channel high-efficiency digital audio system
03-Aug-2012
STEVAL-CCA030V1 STMICROELECTRONICS-STEVAL-CCA030V1 Datasheet
274Kb / 4P
STA350BW Sound Terminal??2.1-channel high-efficiency digital audio system board
28-May-2012
STA380BW STMICROELECTRONICS-STA380BW Datasheet
5Mb / 162P
Sound Terminal® 2.1-channel high-efficiency digital audio system
15-Apr-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com