Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333W Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA333W
Description  2 channel high-efficiency digital audio system Sound Terminal
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA333W Datasheet HTML 21Page - STMicroelectronics STA333W Datasheet HTML 22Page - STMicroelectronics STA333W Datasheet HTML 23Page - STMicroelectronics STA333W Datasheet HTML 24Page - STMicroelectronics STA333W Datasheet HTML 25Page - STMicroelectronics STA333W Datasheet HTML 26Page - STMicroelectronics STA333W Datasheet HTML 27Page - STMicroelectronics STA333W Datasheet HTML 28Page - STMicroelectronics STA333W Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
DocID13365 Rev 3
25/50
STA333W
Register description
50
Serial audio input interface format
Serial data interface
The STA333W audio serial input interfaces with standard digital audio components and
accepts a number of serial data formats. STA333W always acts a slave when receiving
audio input from standard digital audio components. Serial data for two channels is provided
using three inputs: left/right clock LRCKI, serial clock BICKI, and serial data SDI.
Bits SAI and bit SAIFB are used to specify the serial data format. The default serial data
format is I²S, MSB first. Available formats are shown in the tables and figure that follow.
Serial data first bit
Table 16. Serial audio input interface format
Bit
R/W
RST
Name
Description
0R/W
0SAI0
Determines the interface format of the input serial
digital audio interface.
1R/W
0SAI1
2R/W
0SAI2
3R/W
0SAI3
Table 17. Serial data first bit
SAIFB
Format
0
MSB-first
1
LSB-first
Table 18. Support serial audio input formats for MSB first (SAIFB = 0)
BICKI
SAI [3:0]
SAIFB
Interface format
32 * fS
0000
0
I²S 15-bit data
0001
0
Left/right justified 16-bit data
48* fS
0000
0
I²S 16- to 23-bit data
0001
0
Left justified 16- to 24-bit data
0010
0
Right justified 24-bit data
0110
0
Right justified 20-bit data
1010
0
Right justified 18-bit data
1110
0
Right justified 16-bit data
64* fS
0000
0
I²S 16- to 24-bit data
0001
0
Left justified 16- to 24-bit data
0010
0
Right justified 24-bit data
0110
0
Right justified 20-bit data
1010
0
Right justified 18-bit data
1110
0
Right justified 16-bit data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com