Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1107607 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1107607
Description  NBC-2X2X26-OE-OE-93D-100,0 SH - Cable reel
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1107607 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1107607 Datasheet HTML 1Page - PHOENIX CONTACT 1107607 Datasheet HTML 2Page - PHOENIX CONTACT 1107607 Datasheet HTML 3Page - PHOENIX CONTACT 1107607 Datasheet HTML 4Page - PHOENIX CONTACT 1107607 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Test voltage Core/Shield
2500.00 V DC (2 s)
Smallest bending radius, fixed installation
30 mm
Smallest bending radius, movable installation
60 mm
Tensile strength
80 N
Flame resistance
Horizontal flame test
Resistance to oil
according to IEC 60811-2-1
UV resistant
Other resistance
abrasion-resistant (DIN 53516)
Ambient temperature (operation)
-40 °C ... 80 °C
Ambient temperature (installation)
0 °C ... 50 °C
NBC-2X2X26-OE-OE-93D-100,0 SH - Cable reel
1107607
https://www.phoenixcontact.com/us/products/1107607
Oct 20, 2025, 2:06AM
Page 3 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com