Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1107607 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1107607
Description  NBC-2X2X26-OE-OE-93D-100,0 SH - Cable reel
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1107607 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1107607 Datasheet HTML 1Page - PHOENIX CONTACT 1107607 Datasheet HTML 2Page - PHOENIX CONTACT 1107607 Datasheet HTML 3Page - PHOENIX CONTACT 1107607 Datasheet HTML 4Page - PHOENIX CONTACT 1107607 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Cable reel, 4-position, PUR mixture halogen-free, black RAL 9005, cable length: 100 m
Commercial data
Item number
1107607
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BF16
Product key
AF1IIC
GTIN
4063151009502
Weight per piece (including packing)
22.22 g
Weight per piece (excluding packing)
22.22 g
Customs tariff number
85444290
Country of origin
US
NBC-2X2X26-OE-OE-93D-100,0 SH - Cable reel
1107607
https://www.phoenixcontact.com/us/products/1107607
Oct 20, 2025, 2:06AM
Page 1 (5)


Similar Part No. - 1107607

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1107607 MACOM-1107607 Datasheet
5Mb / 85P
tyco electronics contents
More results

Similar Description - 1107607

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1416570 PHOENIX-1416570 Datasheet
92Kb / 4P
Network cable - VS-OE-OE-936-100,0
1419152 PHOENIX-1419152 Datasheet
292Kb / 7P
Network cable - VS-OE-OE-93G-100,0
1416295 PHOENIX-1416295 Datasheet
265Kb / 6P
Network cable - VS-OE-OE-93E-100,0
1416318 PHOENIX-1416318 Datasheet
298Kb / 6P
Network cable - VS-OE-OE-94C-100,0
1416334 PHOENIX-1416334 Datasheet
400Kb / 5P
Network cable - VS-OE-OE-94D-100,0
1416389 PHOENIX-1416389 Datasheet
334Kb / 10P
Network cable - VS-OE-OE-93B-100,0
1416392 PHOENIX-1416392 Datasheet
219Kb / 5P
Network cable - VS-OE-OE-93A-100,0
1416376 PHOENIX-1416376 Datasheet
102Kb / 6P
Network cable - VS-OE-OE-93C-100,0
09/11/2020
1112871 PHOENIX-1112871 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/0,5-93C/OE
1112873 PHOENIX-1112873 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/5,0-93B/OE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com