Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1107607 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1107607
Description  NBC-2X2X26-OE-OE-93D-100,0 SH - Cable reel
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1107607 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1107607 Datasheet HTML 1Page - PHOENIX CONTACT 1107607 Datasheet HTML 2Page - PHOENIX CONTACT 1107607 Datasheet HTML 3Page - PHOENIX CONTACT 1107607 Datasheet HTML 4Page - PHOENIX CONTACT 1107607 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
Data cable by the meter
Application
Connector
Number of positions
4
Cable/line
Cable length
100 m
Dimensional drawing
UL AWM Style
20549 (80°C/300 V)
Number of positions
4
Shielded
yes
Conductor structure
2x2xAWG26/7, SF/UTP
Signal speed
0.6 c
Conductor structure signal line
7x 0.16 mm
AWG signal line
26
Conductor cross section
4x 2x 0.14 mm²
Wire diameter incl. insulation
0.98 mm ±0.05 mm
External cable diameter
6.00 mm ±0.2 mm
Outer sheath, material
PUR mixture halogen-free
External sheath, color
black RAL 9005
Conductor material
Bare Cu litz wires
Material wire insulation
PP
Single wire, color
white/orange-orange, white/green-green
Thickness, outer sheath
0.80 mm
Twisted pairs
2 cores to the pair
Overall twist
2 pairs, twisted
Optical shield covering
85 %
Max. conductor resistance
< 140 Ω/km
Insulation resistance
≥ 5 GΩ*km
Wave impedance
100 Ω ±15 Ω (at 4 ... 100 MHz)
Cable capacity
< 56 nF/km
72 V DC
Nominal voltage, cable
300 V AC
Test voltage Core/Core
2500 V DC (2 s)
NBC-2X2X26-OE-OE-93D-100,0 SH - Cable reel
1107607
https://www.phoenixcontact.com/us/products/1107607
Oct 20, 2025, 2:06AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com