Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8801PWPR Datasheet(PDF) 30 Page - Texas Instruments

Part # DRV8801PWPR
Description  DRV880x DMOS Full-Bridge Motor Drivers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8801PWPR Datasheet(HTML) 30 Page - Texas Instruments

Back Button DRV8801PWPR Datasheet HTML 26Page - Texas Instruments DRV8801PWPR Datasheet HTML 27Page - Texas Instruments DRV8801PWPR Datasheet HTML 28Page - Texas Instruments DRV8801PWPR Datasheet HTML 29Page - Texas Instruments DRV8801PWPR Datasheet HTML 30Page - Texas Instruments DRV8801PWPR Datasheet HTML 31Page - Texas Instruments DRV8801PWPR Datasheet HTML 32Page - Texas Instruments DRV8801PWPR Datasheet HTML 33Page - Texas Instruments DRV8801PWPR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
24-Jul-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
DRV8800PWPR
HTSSOP
PWP
16
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
DRV8800PWPRG4
HTSSOP
PWP
16
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
DRV8800RTYR
QFN
RTY
16
3000
330.0
12.4
4.25
4.25
1.15
8.0
12.0
Q2
DRV8800RTYRG4
QFN
RTY
16
3000
330.0
12.4
4.25
4.25
1.15
8.0
12.0
Q2
DRV8801PWPR
HTSSOP
PWP
16
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
DRV8801PWPRG4
HTSSOP
PWP
16
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
DRV8801RTYR
QFN
RTY
16
3000
330.0
12.4
4.25
4.25
1.15
8.0
12.0
Q2
DRV8801RTYRG4
QFN
RTY
16
3000
330.0
12.4
4.25
4.25
1.15
8.0
12.0
Q2
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com