Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8801PWPR Datasheet(PDF) 33 Page - Texas Instruments

Part # DRV8801PWPR
Description  DRV880x DMOS Full-Bridge Motor Drivers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8801PWPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button DRV8801PWPR Datasheet HTML 29Page - Texas Instruments DRV8801PWPR Datasheet HTML 30Page - Texas Instruments DRV8801PWPR Datasheet HTML 31Page - Texas Instruments DRV8801PWPR Datasheet HTML 32Page - Texas Instruments DRV8801PWPR Datasheet HTML 33Page - Texas Instruments DRV8801PWPR Datasheet HTML 34Page - Texas Instruments DRV8801PWPR Datasheet HTML 35Page - Texas Instruments DRV8801PWPR Datasheet HTML 36Page - Texas Instruments DRV8801PWPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
6.6
6.2
14X 0.65
16X 0.30
0.19
2X
4.55
(0.15) TYP
0 - 8
0.15
0.05
3.0
2.4
3.0
2.4
2X 0.95 MAX
NOTE 5
1.2 MAX
(1)
0.25
GAGE PLANE
0.75
0.50
A
NOTE 3
5.1
4.9
B
4.5
4.3
4X 0.15 MAX
NOTE 5
4218971/A 01/2016
PowerPAD TSSOP - 1.2 mm max height
PWP0016B
PLASTIC SMALL OUTLINE
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. Reference JEDEC registration MO-153.
5. Features may not be present.
PowerPAD is a trademark of Texas Instruments.
TM
1
16
0.1
C A
B
9
8
PIN 1 ID
AREA
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 2.400
THERMAL
PAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com