Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8801PWPR Datasheet(PDF) 4 Page - Texas Instruments

Part # DRV8801PWPR
Description  DRV880x DMOS Full-Bridge Motor Drivers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8801PWPR Datasheet(HTML) 4 Page - Texas Instruments

  DRV8801PWPR Datasheet HTML 1Page - Texas Instruments DRV8801PWPR Datasheet HTML 2Page - Texas Instruments DRV8801PWPR Datasheet HTML 3Page - Texas Instruments DRV8801PWPR Datasheet HTML 4Page - Texas Instruments DRV8801PWPR Datasheet HTML 5Page - Texas Instruments DRV8801PWPR Datasheet HTML 6Page - Texas Instruments DRV8801PWPR Datasheet HTML 7Page - Texas Instruments DRV8801PWPR Datasheet HTML 8Page - Texas Instruments DRV8801PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
Table 5-1. Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
DRV8800
DRV8801
WQFN
HTSSOP
WQFN
HTSSOP
ENABLE
4
6
4
6
I
Enable logic input. Set high to enable the H-
bridge.
GND
2,12
4, 13
2, 12
4, 13
P
Device ground
MODE
16
2
—
—
I
Mode logic input
MODE 1
—
—
16
2
I
Mode logic input
MODE 2
—
—
5
16
I
Mode 2 logic input
NC
5
16
—
—
NC
No connect
nFAULT
15
1
15
1
OD
Fault indication. Pulled logic low with fault
condition; open-drain output requires an external
pullup resistor.
nSLEEP
3
5
3
5
I
Sleep mode input. Logic high to enable device;
logic low to enter low-power sleep mode; internal
pulldown resistor.
OUT+
6
7
6
7
O
DMOS H-bridge output. Connect to motor
terminal.
OUT-
9
10
9
10
O
DMOS H-bridge output. Connect to motor
terminal.
PHASE
1
3
1
3
I
WQFN Package: Phase logic input for direction
control.
HTSSOP Package: Phase logic input. Controls
the direction of the H-bridge.
SENSE
7
8
7
8
O (DRV8800)
IO (DRV8801)
Sense Power Return
VBB
8
9
8
9
P
Driver supply voltage. Bypass to GND with 0.1-μF
ceramic capacitors plus a bulk capacitor rated for
VBB.
VCP
13
14
13
14
P
Charge pump reservoir capacitor pin. Connect a
X7R, 0.1-μF, 16-V ceramic capacitor to VBB.
VREG
14
15
—
—
P
Regulated voltage.
VPROPI
—
—
14
15
O
Voltage output proportional to winding current.
PowerPAD
—
—
—
—
—
Exposed pad for thermal dissipation. Connect to
ground.
DRV8800, DRV8801
SLVS855K – JULY 2008 – REVISED MARCH 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DRV8800 DRV8801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com