Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8880PWPR Datasheet(PDF) 36 Page - Texas Instruments

Part # DRV8880PWPR
Description  DRV8880 2-A Stepper Motor Driver With Smart Tune
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8880PWPR Datasheet(HTML) 36 Page - Texas Instruments

Back Button DRV8880PWPR Datasheet HTML 32Page - Texas Instruments DRV8880PWPR Datasheet HTML 33Page - Texas Instruments DRV8880PWPR Datasheet HTML 34Page - Texas Instruments DRV8880PWPR Datasheet HTML 35Page - Texas Instruments DRV8880PWPR Datasheet HTML 36Page - Texas Instruments DRV8880PWPR Datasheet HTML 37Page - Texas Instruments DRV8880PWPR Datasheet HTML 38Page - Texas Instruments DRV8880PWPR Datasheet HTML 39Page - Texas Instruments DRV8880PWPR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
0.47 µF
0.1 µF
CPL
GND
CPH
VCP
VM
AOUT1
AISEN
AOUT2
BOUT2
BISEN
BOUT1
VM
GND
TRQ0
TRQ1
M0
M1
STEP
DIR
ENABLE
DECAY0
DECAY1
nFAULT
nSLEEP
ATE
VREF
TOFF
V3P3
0.1 µF
0.1 µF
0.1 µF
36
DRV8880
SLVSD18C – JUNE 2015 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: DRV8880
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
Each VM terminal must be bypassed to GND using a low-ESR ceramic bypass capacitors with recommended
values of 0.1 μF rated for VM. These capacitors should be placed as close to the VM pins as possible with a
thick trace or ground plane connection to the device GND pin.
The VM pin must be bypassed to ground using a bulk capacitor rated for VM. This component may be an
electrolytic.
A low-ESR ceramic capacitor must be placed in between the CPL and CPH pins. A value of 0.1 μF rated for VM
is recommended. Place this component as close to the pins as possible.
A low-ESR ceramic capacitor must be placed in between the VM and VCP pins. A value of 0.47 μF rated for 16
V is recommended. Place this component as close to the pins as possible.
Bypass V3P3 to ground with a ceramic capacitor rated 6.3 V. Place this bypassing capacitor as close to the pin
as possible.
The current sense resistors should be placed as close as possible to the device pins in order to minimize trace
inductance between the pin and resistor.
10.2 Layout Example
Figure 36. Layout Recommendation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com