Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8880PWPR Datasheet(PDF) 8 Page - Texas Instruments

Part # DRV8880PWPR
Description  DRV8880 2-A Stepper Motor Driver With Smart Tune
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8880PWPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8880PWPR Datasheet HTML 4Page - Texas Instruments DRV8880PWPR Datasheet HTML 5Page - Texas Instruments DRV8880PWPR Datasheet HTML 6Page - Texas Instruments DRV8880PWPR Datasheet HTML 7Page - Texas Instruments DRV8880PWPR Datasheet HTML 8Page - Texas Instruments DRV8880PWPR Datasheet HTML 9Page - Texas Instruments DRV8880PWPR Datasheet HTML 10Page - Texas Instruments DRV8880PWPR Datasheet HTML 11Page - Texas Instruments DRV8880PWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
STEP
DIR, Mx
4
5
2
3
1
8
DRV8880
SLVSD18C – JUNE 2015 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: DRV8880
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tRETRY
Overcurrent retry time
0.5
2
ms
TTSD
(2)
Thermal shutdown temperature
Die temperature TJ
150
°C
THYS
(2)
Thermal shutdown hysteresis
Die temperature TJ
35
°C
(1)
STEP input can operate up to 1 MHz, but system bandwidth is limited by the motor load
6.6 Indexer Timing Requirements
NO.
MIN
MAX
UNIT
1
ƒSTEP
Step frequency
1 (1)
MHz
2
tWH(STEP)
Pulse duration, STEP high
470
ns
3
tWL(STEP)
Pulse duration, STEP low
470
ns
4
tSU(DIR, Mx)
Setup time, DIR or Mx to STEP rising
200
ns
5
tH(DIR, Mx)
Hold time, DIR or Mx to STEP rising
200
ns
Figure 1. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com