Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8880PWPR Datasheet(PDF) 13 Page - Texas Instruments

Part # DRV8880PWPR
Description  DRV8880 2-A Stepper Motor Driver With Smart Tune
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8880PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV8880PWPR Datasheet HTML 9Page - Texas Instruments DRV8880PWPR Datasheet HTML 10Page - Texas Instruments DRV8880PWPR Datasheet HTML 11Page - Texas Instruments DRV8880PWPR Datasheet HTML 12Page - Texas Instruments DRV8880PWPR Datasheet HTML 13Page - Texas Instruments DRV8880PWPR Datasheet HTML 14Page - Texas Instruments DRV8880PWPR Datasheet HTML 15Page - Texas Instruments DRV8880PWPR Datasheet HTML 16Page - Texas Instruments DRV8880PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
AOUT
Step Input
BOUT
Full-scale current
RMS current
13
DRV8880
www.ti.com
SLVSD18C – JUNE 2015 – REVISED AUGUST 2017
Product Folder Links: DRV8880
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
(1)
VMCU is not a pin on the DRV8880, but a supply voltage pullup is required for open-drain output nFAULT; nFAULT may be pulled up to
V3P3
7.3 Feature Description
Table 1 lists the recommended values of the external components.
Table 1. External Components
COMPONENT
PIN 1
PIN 2
RECOMMENDED
CVM1
VM
GND
0.1-µF ceramic capacitor rated for VM per VM pin
CVM1
VM
GND
Bulk electrolytic capacitor rated for VM, recommended value is 100
µF, see Bulk Capacitance Sizing
CVCP
VCP
VM
16-V, 0.47-µF ceramic capacitor
CSW
CPH
CPL
0.1-µF X7R capacitor rated for VM
CV3P3
V3P3
GND
6.3-V, 0.47-µF ceramic capacitor
RnFAULT
VMCU
(1)
nFAULT
> 5 k
Ω pullup
RAISEN
AISEN
GND
Sense resistor, see Sense Resistor
RBISEN
BISEN
GND
7.3.1 Stepper Motor Driver Current Ratings
Stepper motor drivers can be classified using three different numbers to describe the output current: peak, rms,
and full-scale.
7.3.1.1 Peak Current Rating
The peak current in a stepper driver is limited by the overcurrent protection trip threshold IOCP. The peak current
describes any transient duration current pulse, for example when charging capacitance, when the overall duty
cycle is very low. In general the minimum value of IOCP specifies the peak current rating of the stepper motor
driver. For the DRV8880, the peak current rating is 2.5 A per bridge.
7.3.1.2 RMS Current Rating
The rms (average) current is determined by the thermal considerations of the IC. The rms current is calculated
based on the RDS(ON), rise and fall time, PWM frequency, device quiescent current, and package thermal
performance in a typical system at 25°C. The real operating rms current may be higher or lower depending on
heatsinking and ambient temperature. For the DRV8880, the rms current rating is 1.4 A per bridge.
7.3.1.3 Full-Scale Current Rating
The full-scale current describes the top of the sinusoid current waveform while microstepping. Since the
sineusoid amplitude is related to the rms current, the full-scale current is also determined by the thermal
considerations of the IC. The full-scale current rating is approximately
√2 × Irms. The full-scale current is set by
VREF, the sense resistor, and Torque DAC when configuring the DRV8880 , see Current Regulation for details.
For the DRV8880, the full-scale current rating is 2.0 A per bridge.
Figure 12. Full-Scale and rms Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com