Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2551DRVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2551DRVT
Description  ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2551DRVT Datasheet(HTML) 5 Page - Texas Instruments

  TPS2551DRVT Datasheet HTML 1Page - Texas Instruments TPS2551DRVT Datasheet HTML 2Page - Texas Instruments TPS2551DRVT Datasheet HTML 3Page - Texas Instruments TPS2551DRVT Datasheet HTML 4Page - Texas Instruments TPS2551DRVT Datasheet HTML 5Page - Texas Instruments TPS2551DRVT Datasheet HTML 6Page - Texas Instruments TPS2551DRVT Datasheet HTML 7Page - Texas Instruments TPS2551DRVT Datasheet HTML 8Page - Texas Instruments TPS2551DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
www.ti.com
DEVICE INFORMATION
Charge
Pump
Driver
UVLO
Current
Limit
Thermal
Sense
IN
GND
EN
ILIM
OUT
FAULT
CS
Reverse
Voltage
Comparator
-
+
Current
Sense
8-msDeglitch
TPS2550
TPS2551
SLVS736 – FEBRUARY 2008
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
TPS2550DBV
TPS2551DBV
TPS2550DRV
TPS2551DRV
EN
3
–
4
–
I
Enable input, logic low turns on power switch
EN
–
3
–
4
I
Enable input, logic high turns on power switch
GND
2
2
5
5
Ground connection; should be connected
externally to POWER PAD
IN
1
1
6
6
I
Input voltage; connect a 0.1
µF or greater
ceramic capacitor from IN to GND as close to the
IC as possible.
FAULT
4
4
3
3
O
Active-low open-drain output, asserted during
overcurrent, overtemperature, or reverse-voltage
conditions.
OUT
6
6
1
1
O
Power-switch output
ILIM
5
5
2
2
I
External resistor used to set current-limit
threshold; recommended 14.3 k
Ω ≤ RILIM ≤ 80.6
k
Ω.
POWER
–
–
PAD
PAD
Internally connected to GND; used to heat-sink
PAD
the part to the circuit board traces. Should be
connected to GND pin.
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS2550 TPS2551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com