Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2551DRVT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2551DRVT
Description  ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2551DRVT Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS2551DRVT Datasheet HTML 15Page - Texas Instruments TPS2551DRVT Datasheet HTML 16Page - Texas Instruments TPS2551DRVT Datasheet HTML 17Page - Texas Instruments TPS2551DRVT Datasheet HTML 18Page - Texas Instruments TPS2551DRVT Datasheet HTML 19Page - Texas Instruments TPS2551DRVT Datasheet HTML 20Page - Texas Instruments TPS2551DRVT Datasheet HTML 21Page - Texas Instruments TPS2551DRVT Datasheet HTML 22Page - Texas Instruments TPS2551DRVT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
www.ti.com
POWER DISSIPATION AND JUNCTION TEMPERATURE
UNIVERSAL SERIAL BUS (USB) POWER-DISTRIBUTION REQUIREMENTS
TPS2550
TPS2551
SLVS736 – FEBRUARY 2008
Select the closest 1% resistor greater than the calculated value: RILIM = 21.5 kΩ. This sets the maximum
current-limit threshold at 1.25 A . Use the IOS equations, Figure 21, and the previously calculated value for RILIM
to calculate the minimum resulting current-limit threshold.
• R
ILIM = 21.5 kΩ
• I
OS(min) (mA) = (39700 V) / (RILIM (kΩ))
1.342
• I
OS(min) (mA) = (39700 V) / (21.5 (kΩ))
1.342
• I
OS(min) = 647 mA
The resulting minimum current-limit threshold is 647 mA with a 21.5 k
Ω resistor.
The low on-resistance of the N-channel MOSFET allows small surface-mount packages to pass large currents. It
is good design practice to estimate power dissipation and junction temperature. The below analysis gives an
approximation for calculating junction temperature based on the power dissipation in the package. However, it is
important to note that thermal analysis is strongly dependent on additional system level factors. Such factors
include air flow, board layout, copper thickness and surface area, and proximity to other devices dissipating
power. Good thermal design practice must include all system level factors in addition to individual component
analysis.
Begin by determining the rDS(on) of the N-channel MOSFET relative to the input voltage and operating
temperature. As an initial estimate, use the highest operating ambient temperature of interest and read rDS(on)
from the typical characteristics graph. Using this value, the power dissipation can be calculated by:
PD = rDS(on) × IOUT
2
Where:
PD = Total power dissipation (W)
rDS(on) = Power switch on-resistance (Ω)
IOUT = Maximum current-limit threshold (A)
This step calculates the total power dissipation of the N-channel MOSFET.
Finally, calculate the junction temperature:
TJ = PD × RΘJA + TA
Where:
TA = Ambient temperature (°C)
RΘJA = Thermal resistance (°C/W)
PD = Total power dissipation (W)
Compare the calculated junction temperature with the initial estimate. If they are not within a few degrees, repeat
the calculation using the "refined" rDS(on) from the previous calculation as the new estimate. Two or three
iterations are generally sufficient to achieve the desired result. The final junction temperature is highly dependent
on thermal resistance RθJA, and thermal resistance is highly dependent on the individual package and board
layout. The "Dissipating Rating Table" at the begginng of this document provides example thermal resistances for
specific packages and board layouts.
One application for this device is for current-limiting in universal serial bus (USB) applications. The original USB
interface was a 12-Mb/s or 1.5-Mb/s, multiplexed serial bus designed for low-to-medium bandwidth PC
peripherals (e.g., keyboards, printers, scanners, and mice). As the demand for more bandwidth increased, the
USB 2.0 standard was introduced increasing the maximum data rate to 480-Mb/s. The four-wire USB interface is
conceived for dynamic attach-detach (hot plug-unplug) of peripherals. Two lines are provided for differential data,
and two lines are provided for 5-V power distribution.
USB data is a 3.3-V level signal, but power is distributed at 5 V to allow for voltage drops in cases where power
is distributed through more than one hub across long cables. Each function must provide its own regulated 3.3 V
from the 5-V input or its own internal power supply. The USB specification classifies two different classes of
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TPS2550 TPS2551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com