Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2551DRVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2551DRVT
Description  ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2551DRVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2551DRVT Datasheet HTML 9Page - Texas Instruments TPS2551DRVT Datasheet HTML 10Page - Texas Instruments TPS2551DRVT Datasheet HTML 11Page - Texas Instruments TPS2551DRVT Datasheet HTML 12Page - Texas Instruments TPS2551DRVT Datasheet HTML 13Page - Texas Instruments TPS2551DRVT Datasheet HTML 14Page - Texas Instruments TPS2551DRVT Datasheet HTML 15Page - Texas Instruments TPS2551DRVT Datasheet HTML 16Page - Texas Instruments TPS2551DRVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
www.ti.com
0
T -JunctionTemperature-°C
J
-50
0
50
100
150
0.50
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
V
=6.5V
IN
V
=5V
IN
V
=3.3V
IN
V
=2.5V
IN
0
T -JunctionTemperature-°C
J
-50
0
50
100
150
150
15
30
45
60
75
90
105
120
135
V
=5V
IN
V
=3.3V
IN
V
=2.5V
IN
V
=6.5V
IN
R
=20k
ILIM
W
TPS2550
TPS2551
SLVS736 – FEBRUARY 2008
TYPICAL CHARACTERISTICS (continued)
Figure 17. IIN – Supply Current, Output Disabled – µA
Figure 18. IIN – Supply Current, Output Enabled – µA
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS2550 TPS2551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com