Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5959 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L5959
Description  Multifunction voltage regulator for car radio
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5959 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L5959_V01 Datasheet HTML 3Page - STMicroelectronics L5959_V01 Datasheet HTML 4Page - STMicroelectronics L5959_V01 Datasheet HTML 5Page - STMicroelectronics L5959_V01 Datasheet HTML 6Page - STMicroelectronics L5959_V01 Datasheet HTML 7Page - STMicroelectronics L5959_V01 Datasheet HTML 8Page - STMicroelectronics L5959_V01 Datasheet HTML 9Page - STMicroelectronics L5959_V01 Datasheet HTML 10Page - STMicroelectronics L5959_V01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
L5959
Electrical specification
7/19
3
Electrical specification
3.1
Absolute maximum ratings
3.2
Thermal data
3.3
Electrical characteristics
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VBATDC
DC operating supply voltage
30
V
VBATTR
Transient supply voltage
50
V
IO
Output current
internally limited
RESR
Output capacitor series eq. resistance (MAX.)
0.5
Top
Operating temperature range
-40 to 105
°C
Tstg
Storage temperature
-55 to 150
°C
Tj
Junction temperature
-55 to 150
°C
Pd
Power dissipation Tcase = 85°C
43
W
Table 4.
Thermal data
Symbol
Parameter
Multiwatt
Unit
Rth j-case
Thermal resistance junction to case max.
1.8
°C/W
Table 5.
Electrical characteristics
(VS = 14.4V; Tamb = 25°C; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
INPUT SUPPLIES
Vbat
Input supply
Operating
9
18
V
VSTCAP
Input supply voltage 2
Operating
6
18
V
Vbat
Battery voltage
Reverse polarity
non operating
VSTCAP
Input supply voltage 2
Reverse polarity
non operating
Iq
Total quiescent current
EN0 = EN1 = EN2 = 0 V;
VBAT = 14 V; IVSTBY = 100 µA
55
75
µA
VOV
VBAT Over-voltage shutdown
Verify all outputs except VSTBY
disabled and VBATVW*
asserted low (VBAT Rising)
24
27
30
V
VHYSOV
Hysteresis of over-voltage
shutdown
200
750
1500
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com