Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5959 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L5959
Description  Multifunction voltage regulator for car radio
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5959 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L5959_V01 Datasheet HTML 4Page - STMicroelectronics L5959_V01 Datasheet HTML 5Page - STMicroelectronics L5959_V01 Datasheet HTML 6Page - STMicroelectronics L5959_V01 Datasheet HTML 7Page - STMicroelectronics L5959_V01 Datasheet HTML 8Page - STMicroelectronics L5959_V01 Datasheet HTML 9Page - STMicroelectronics L5959_V01 Datasheet HTML 10Page - STMicroelectronics L5959_V01 Datasheet HTML 11Page - STMicroelectronics L5959_V01 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Electrical specification
L5959
8/19
VUV
VBAT Under-voltage warning
Verify VBATVW* asserted low
(VBAT Falling)
77.4
7.8
V
VHYSUV
Hysteresis of under-voltage
warning
70
300
500
mV
VSTBY
Vo(VSTBY) Output voltage of VSTBY
3.14
3.3
3.46
V
V
Line regulation
VBAT = 6 to 18V; I = 100mA
-10
0
+10
mV
V
i
Load regulation
IVSTBY = 0.5 to 100 mA
-40
-5
+10
mV
Vover
Over shoot
IVSTBY = 100 to 0.5 mA,
Co=1µF
2.5
6
%
PSRR
Supply voltage ripple rejection
IVSTBY = 50 mA;
fo = 20 to 1 kHz;
VBAT = 14 Vdc, 1.0 Vac(pp)
50
70
dB
IVSTBY = 50 mA;
fo = 20 to 20 kHz;
VBAT = 14 Vdc, 1.0 Vac(pp)
45
55
dB
VN
Output noise
Weighted filter
fo = 20 Hz to 20 kHz
IVSTBY = 5 mA
85
200
µV
Vdrop
Drop out voltage
IVSTBY = 100mA
(1)
2.6
V
Drop out voltage
IVSTBY = 5 mA
2.3
V
Im
Current limit
Rshort = 0
150
200
300
mA
TSEN
VSTBY thermal shutdown
IVSTBY = 500 µA;
Increase Ta until VSTBY
disabled
150
190
°C
VREGSW
Vo
(VREGSW)
Output voltage 3.3V
3.14
3.3
3.46
V
VTRK
VREGSW output tracking
voltage on VSTBY
IVSTBY = 50 mA
IVREGSW = 0.5 to 800 mA
Measure VSTBY – VREGSW
-40
40
mV
IVSTBY = 0.5 mA to 100 mA
IVREGSW = 0.5 to 800 mA
Measure VSTBY – VREGSW
-50
50
mV
V
Line regulation
Vin1 = 9 to 18V; I = 800mA
-40
10
40
mV
V
i
Load regulation
IVREGSW = 1 to 800mA
-50
-15
10
mV
Table 5.
Electrical characteristics (continued)
(VS = 14.4V; Tamb = 25°C; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com