Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5959 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L5959
Description  Multifunction voltage regulator for car radio
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5959 Datasheet(HTML) 1 Page - STMicroelectronics

  L5959_V01 Datasheet HTML 1Page - STMicroelectronics L5959_V01 Datasheet HTML 2Page - STMicroelectronics L5959_V01 Datasheet HTML 3Page - STMicroelectronics L5959_V01 Datasheet HTML 4Page - STMicroelectronics L5959_V01 Datasheet HTML 5Page - STMicroelectronics L5959_V01 Datasheet HTML 6Page - STMicroelectronics L5959_V01 Datasheet HTML 7Page - STMicroelectronics L5959_V01 Datasheet HTML 8Page - STMicroelectronics L5959_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
September 2013
Rev 3
1/19
1
L5959
Multifunction voltage regulator for car radio
Features
■ Four outputs
– 8.5V @ 200mA (V8P5)
– 8/10V @ 1000mA selectable 10V or 8V
(V810)
– 3.3V @ 100mA permanent (VSTBY)
– 3.3V @ 800mA (VREGSW)
■ Two protected high side driver (HSD1, HSD2)
■ Reset function
■ Battery voltage (under/over) warning output
■ Load dump protection
■ Independent thermal shutdown on all
regulators and HSDs
■ Overcurrent limitation
■ Storage CAP output (STCAP)
■ Small CAP required by stability of regulators
■ All pins ESD protected
Description
The L5959 contains a four voltage regulator and
two protected HSDs. HSDs are protected against
loss of ground and loss of battery.
The IC includes a monitoring circuit for detection.
The IC features a very low quiescent current in
stand-by and independent thermal shutdown.
Multiwatt15
Table 1.
Device summary
Order code
Package
Packing
L5959
Multiwatt15
Tube
www.st.com


Similar Part No. - L5959_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5959 STMICROELECTRONICS-L5959 Datasheet
201Kb / 19P
Multifunction voltage regulator for car radio
28-Aug-2007
More results

Similar Description - L5959_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4943 STMICROELECTRONICS-L4943 Datasheet
113Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Dec-2000
L4953 STMICROELECTRONICS-L4953 Datasheet
44Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
REV BATT
L4953G STMICROELECTRONICS-L4953G Datasheet
45Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Apr-1999
L4953K STMICROELECTRONICS-L4953K Datasheet
56Kb / 8P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
REV BATT
L5956 STMICROELECTRONICS-L5956 Datasheet
231Kb / 16P
Multifunction voltage regulator for car radio
29-Aug-2007
L5955 STMICROELECTRONICS-L5955 Datasheet
203Kb / 17P
Multiple multifunction voltage regulator for car radio
29-Aug-2007
L5959 STMICROELECTRONICS-L5959 Datasheet
201Kb / 19P
Multifunction voltage regulator for car radio
28-Aug-2007
L5956 STMICROELECTRONICS-L5956_11 Datasheet
291Kb / 17P
Multifunction voltage regulator for car radio
27-Jun-2011
L5958 STMICROELECTRONICS-L5958 Datasheet
282Kb / 20P
Multifunction voltage regulator for car radio
12-Jul-2010
L5957 STMICROELECTRONICS-L5957 Datasheet
208Kb / 16P
Multifunction voltage regulator for car radio
08-Jan-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com