Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5962 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L5962
Description  Multiple linear/switching voltage regulator for car-radio
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5962 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L5962 Datasheet HTML 3Page - STMicroelectronics L5962 Datasheet HTML 4Page - STMicroelectronics L5962 Datasheet HTML 5Page - STMicroelectronics L5962 Datasheet HTML 6Page - STMicroelectronics L5962 Datasheet HTML 7Page - STMicroelectronics L5962 Datasheet HTML 8Page - STMicroelectronics L5962 Datasheet HTML 9Page - STMicroelectronics L5962 Datasheet HTML 10Page - STMicroelectronics L5962 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
L5962
Pin description
Doc ID 16819 Rev 3
7/24
2
Pin description
Figure 3.
Pin connection (top view)
N.C.
N.C.
AGND
VSTBYSEL
N.C.
PH
N.C.
CBS
PGND
N.C.
CLIM
VFB
SOST
VCMP
VBATW
LVWIN
N.C.
N.C.
18
16
17
15
6
5
4
3
2
21
22
31
32
33
35
34
36
20
1
19
TAB
N.C.
AC00429
HSD1
SUBGND
VINsw
SYNC
EN
SCL
9
8
7
28
29
30
VBAT
RST
10
27
VSTBY
HSD2
VBATP
VLR2
VLR1
VINLR2
14
12
11
23
25
26
RSTDLY
SDA
13
24
Table 2.
Pin description
Pin #
Pad name
Function
Description
1
TAB
This pin must be connected to GND
2
PGND
Switching regulator ground
It is the power ground reference
3
CBS
Bootstrap for switching regulator
Bootstrap capacitor Input for the switching
regulator
4
PH
Switching stage output
Phase output. It is the switching output of the
switching regulator. It also provides phase
reference for bootstrap drive.
5
N.C.
Not connected
-
6
N.C.
Not connected
-
7
SUBGND
Substrate ground
Substrate ground
8
VINsw
Switching regulator supply voltage
Battery voltage for the switching regulator
9
HSD1
High side driver 1
Output of the 1st high side driver
10
VBAT
VLR1/HSD1/HSD2 supply voltage
Voltage input for linear regulator #1 high side
driver and battery warnings
11
HSD2
High side driver 2
Output of the 2nd high side driver
12
VBATP
Standby regulator supply voltage
Protected battery input for bias, bandgap,
oscillator, and VSTBY regulator
13
RSTDLY
Reset delay function
Input
14
VSTBY
Standby regulator output
Output of the standby regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com