Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5962 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L5962
Description  Multiple linear/switching voltage regulator for car-radio
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5962 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L5962 Datasheet HTML 4Page - STMicroelectronics L5962 Datasheet HTML 5Page - STMicroelectronics L5962 Datasheet HTML 6Page - STMicroelectronics L5962 Datasheet HTML 7Page - STMicroelectronics L5962 Datasheet HTML 8Page - STMicroelectronics L5962 Datasheet HTML 9Page - STMicroelectronics L5962 Datasheet HTML 10Page - STMicroelectronics L5962 Datasheet HTML 11Page - STMicroelectronics L5962 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Pin description
L5962
8/24
Doc ID 16819 Rev 3
15
VSTBYSEL Standby regulator selector
Selection input for standby regulator output (3.3 V
or 5 V)
16
AGND
Analog ground
Analog voltage reference
17
N.C.
Not connected
-
18
N.C.
Not connected
-
19
N.C.
Not connected
-
20
N.C.
Not connected
-
21
LVWIN
Battery detector adjustment input
Low-voltage warning input
22
VBATW
Battery detector output (open-drain)
Battery voltage warning output
23
VLR1
Switched linear regulator 1
Output of the 1st linear regulator
24
SDA
I2C bus data
I2C data line
25
VINLR2
VLR2 supply voltage
Battery supply for the 2nd linear regulator
26
VLR2
Switched linear regulator 2
Output of the 2nd linear regulator
27
RST
Reset
Output
28
EN
Enable
Active mode enable input. Active high
29
SCL
I2C bus clock
I2C clock source supplied by the master device
30
SYNC
Switching regulator SYNC function
Synchronization Input
31
SOST
Switching regulator soft-start
Soft start external capacitor
32
VCMP
Switching regulator compensation
Feedback compensation input.
33
VFB
Switching regulator feedback
Regulated output voltage sense
34
CLIM
Switching regulator current limit selector Choose between two current limits
35
N.C.
Not connected
-
36
N.C.
Not connected
-
Table 2.
Pin description (continued)
Pin #
Pad name
Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com