Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5962 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L5962
Description  Multiple linear/switching voltage regulator for car-radio
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5962 Datasheet(HTML) 1 Page - STMicroelectronics

  L5962 Datasheet HTML 1Page - STMicroelectronics L5962 Datasheet HTML 2Page - STMicroelectronics L5962 Datasheet HTML 3Page - STMicroelectronics L5962 Datasheet HTML 4Page - STMicroelectronics L5962 Datasheet HTML 5Page - STMicroelectronics L5962 Datasheet HTML 6Page - STMicroelectronics L5962 Datasheet HTML 7Page - STMicroelectronics L5962 Datasheet HTML 8Page - STMicroelectronics L5962 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
September 2013
Doc ID 16819 Rev 3
1/24
1
L5962
Multiple linear/switching voltage regulator for car-radio
Features
■ Step-down synchronous switching voltage
regulator
– Internal high-side/ Low-side NDMOS
–1.2 < Vout < 8 V selectable through external
resistors
– 1.2/2.5 A load current selected through
dedicated pin
– 185 kHz free-run frequency
– SYNC function (220 < fsw < 400 kHz)
■ Linear regulators
– 3.3/5 V @ 150 mA standby regulator
selected through dedicated pin
(VSTBYSEL)
– 5/8.5 V @ 350 mA switched linear regulator
enabled and selected through I2C bus
(VLR1)
– 3.3/10 V @ 1 A switched linear regulator
enabled and selected through I2C bus
(VLR2)
■ 2 High side drivers (0.5 V max drop @ 0.5 A)
enabled through I2C bus and equipped with
protection circuit against:
– short to ground and battery
– loss of ground and battery
– unsupplied short to battery
■ Reset function with configurable delay (RST,
RSTDLY)
■ I2C bus
■ Enable pin to drive switching regulator and I2C
bus logic
■ Under/over voltage battery detector
(VBATVW)
– Under voltage threshold adjustable through
dedicated pin (LVWIN)
■ Load dump protection
■ Independent thermal protection on all
regulators
Description
L5962 is a very versatile device exploiting BCD
technology characteristics to provide a complete
set of regulated voltages covering all the needs of
a car-radio set.
In standby condition the device guarantees
extremely low quiescent current (90 µA max -
40 °C < T < 85 °C) and minimum operating
voltage (4.5 V using an external Schottky diode
for the back-up function).
PowerSO36 (slug-up)
Table 1.
Device summary
Order code
Package
Packing
L5962
PowerSO36
Tray
L5962TR
PowerSO36
Tape and reel
www.st.com


Similar Part No. - L5962

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5962 STMICROELECTRONICS-L5962 Datasheet
248Kb / 24P
Multiple linear/switching voltage regulator for car-radio
10-Dec-2009
L5962TR STMICROELECTRONICS-L5962TR Datasheet
248Kb / 24P
Multiple linear/switching voltage regulator for car-radio
10-Dec-2009
More results

Similar Description - L5962

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4943 STMICROELECTRONICS-L4943 Datasheet
113Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Dec-2000
L4953G STMICROELECTRONICS-L4953G Datasheet
45Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Apr-1999
L5950 STMICROELECTRONICS-L5950 Datasheet
132Kb / 8P
MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Mar-2001
logo
Renesas Technology Corp
HA13164AH RENESAS-HA13164AH Datasheet
170Kb / 17P
Multiple Voltage Regulator for Car Audio
HA13166H RENESAS-HA13166H Datasheet
189Kb / 19P
Multiple Voltage Regulator for Car Audio
logo
STMicroelectronics
L5955 STMICROELECTRONICS-L5955 Datasheet
203Kb / 17P
Multiple multifunction voltage regulator for car radio
29-Aug-2007
L5958 STMICROELECTRONICS-L5958 Datasheet
282Kb / 20P
Multifunction voltage regulator for car radio
12-Jul-2010
L5962 STMICROELECTRONICS-L5962 Datasheet
248Kb / 24P
Multiple linear/switching voltage regulator for car-radio
10-Dec-2009
L4952D STMICROELECTRONICS-L4952D Datasheet
167Kb / 8P
VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
Jun-2000
L5954 STMICROELECTRONICS-L5954 Datasheet
171Kb / 15P
Multiple multifunction voltage regulator for car radio
09-Jul-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com