| Electronic Components Datasheet Search |
|
L9524C Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9524C Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 27 page ![]() September 2013 Rev 4 1/27 1 L9524C Glow plug system control IC Features ■ Quad gate driver for external N-channel Power MOSFETs in high-side configuration: – Gates driven by PWM output signal – Adjustable gate charge/discharge currents – Limited gate-to-source voltages – Negative clamping for inductive loads – Advanced run-off control – Regulation of the power through the glow plugs ■ Control output for external relay driver ■ Battery-voltage-compatible two-wire interface ■ Supply voltage monitoring with shutdown ■ Battery voltage monitoring with shutdown ■ Junction temperature monitoring with shutdown ■ Monitoring of currents through the glow plugs with shutdown at overcurrent (adjustable threshold) ■ Monitoring of external switches ■ Charge pump voltage monitoring with shutdown ■ Active clamping during load dump Description The L9524C is a control IC for up to six glow plugs of diesel engines. The glow plugs are switched by up to four external PWM-controlled N-channel Power MOSFETs or a single relay in high-side configuration. Supply voltage, battery voltage, junction temperature, switches, currents through the glow plugs, and charge pump voltage are monitored. A two-wire interface is used to communicate with the diesel engine management system. SO24 Table 1. Device summary Order code Package Packing L9524C SO24 Tube L9524C-TR SO24 Tape and reel www.st.com |
Similar Part No. - L9524C |
|
Similar Description - L9524C |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |