Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9524C Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9524C
Description  Glow plug system control IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9524C Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9524C Datasheet HTML 13Page - STMicroelectronics L9524C Datasheet HTML 14Page - STMicroelectronics L9524C Datasheet HTML 15Page - STMicroelectronics L9524C Datasheet HTML 16Page - STMicroelectronics L9524C Datasheet HTML 17Page - STMicroelectronics L9524C Datasheet HTML 18Page - STMicroelectronics L9524C Datasheet HTML 19Page - STMicroelectronics L9524C Datasheet HTML 20Page - STMicroelectronics L9524C Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
L9524C
Functional description
17/27
Each transmission frame consists of a beginning delimiter (one low bit) followed by the 8 bits
of the failure register beginning with bit 1. After the ending delimiter (one high bit) the
diagnostic output stage is inactive and is resistively pulled up to VVS.
The L9524C starts transmitting the first frame at the very first falling edge of the CI signal
after power-on. Since at that time the contents of the failure register are clear the first 9 bits
(beginning delimiter followed by the contents of the 8-bit failure register) which are
transmitted are always low. The L9524C repeats transmission of the frame every 32 falling
edges of the CI signal. Only during the time when the diagnostic output stage is inactive (i.e.
between the transmission of two frames) the contents of the failure register can be written.
Figure 7.
Serial diagnostic interface protocol
4.5
Current monitoring
The L9524C is able to monitor the current through 6 glow plugs by measuring the voltage
drop across sense resistors. Therefore, there are 4 positive sense input pins (SP1, SP2,
SP3, SP4) and 6 negative sense input pins (SN1, SN2, SN3, SN4, SN5, SN6). The sense
input pins must be connected to the sense resistors according to the following table:
contents of failure register
(all bits='low' at 1st frame)
contents of failure register
diagnostic
output
stage
inactive
first frame
frame
01
234
567
89
10 11
31
0
123
456
789
10
...
VVS
VCI
VCI off
VCI on
VDO
VVS
VDOL
t
t
t
...
...
...
Table 9.
Sense input pin connection
Sense resistor of glow plug
Positive sense input pin
Negative sense input pin
1SP1
SN1
2SP2
SN2
3SP3
SN3
4SP4
SN4
5SP2
SN5
6SP4
SN6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com