Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9524C Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9524C
Description  Glow plug system control IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9524C Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9524C Datasheet HTML 18Page - STMicroelectronics L9524C Datasheet HTML 19Page - STMicroelectronics L9524C Datasheet HTML 20Page - STMicroelectronics L9524C Datasheet HTML 21Page - STMicroelectronics L9524C Datasheet HTML 22Page - STMicroelectronics L9524C Datasheet HTML 23Page - STMicroelectronics L9524C Datasheet HTML 24Page - STMicroelectronics L9524C Datasheet HTML 25Page - STMicroelectronics L9524C Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Application diagrams
L9524C
22/27
5
Application diagrams
Figure 10.
Mode 1: relay mode, go/no-go diagnostic interface protocol
Figure 11.
Mode 2: relay mode, serial diagnostic interface protocol
KL 87
KL 31
KL 31
Vbatt
KL 30
Vs
GND
DO
CI
G1
G2
G3
G4
BAT
SP1
SN1
SP2
SN2
SP3
SN3
SP4
SN4
SN5
SN6
MS
CUR
OCT
IO
CP
Glow plug
470P
220N
220N
10K
100R
ICUR
VOCT
Diagnosis
Control
L9524
Rs
Rs
Rs
Rs
Rs
Rs
47R
47R
47R
47R
47R
KL87
KL31
KL31
Vbatt
KL30
Vs
GND
G1
G2
G3
G4
BAT
SP1
SN1
SP2
SN2
SP3
SN3
SP4
SN4
SN5
SN6
MS
CUR
OCT
IO
CP
Glow plug
470P
220N
220N
VOCT
L9524
Rs
Rs
Rs
Rs
Rs
Rs
47R
47R
47R
47R
47R
ICUR
DO
CI
10K
100R
Diagnosis
Control
470P
220R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com