Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C852LIB Datasheet(PDF) 44 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 40Page - NXP Semiconductors SC16C852LIB Datasheet HTML 41Page - NXP Semiconductors SC16C852LIB Datasheet HTML 42Page - NXP Semiconductors SC16C852LIB Datasheet HTML 43Page - NXP Semiconductors SC16C852LIB Datasheet HTML 44Page - NXP Semiconductors SC16C852LIB Datasheet HTML 45Page - NXP Semiconductors SC16C852LIB Datasheet HTML 46Page - NXP Semiconductors SC16C852LIB Datasheet HTML 47Page - NXP Semiconductors SC16C852LIB Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 63 page
background image
SC16C852L_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 18 January 2008
44 of 63
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
[1]
Applies to external clock, crystal oscillator max 24 MHz.
[2]
Maximum frequency =
[3]
RCLK is an internal signal derived from Divisor Latch LSB (DLL) and Divisor Latch MSB (DLM) divisor latches.
Table 40.
Dynamic characteristics - Motorola or 68 mode
Tamb = −40 °C to +85 °C; VDD = 1.65 V to 1.95 V; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tWH
pulse width HIGH
6
-
-
ns
tWL
pulse width LOW
6
-
-
ns
tw(clk)
clock pulse width
12.5
-
-
ns
fXTAL1
frequency on pin XTAL1
[1][2] --80
MHz
tsu(A)
address setup time
5
-
-
ns
th(A)
address hold time
10
-
-
ns
tsu(RWL-CSL)
set-up time from R/W LOW to CS LOW
10
-
-
ns
tsu(RWH-CSL)
set-up time from R/W HIGH to CS LOW
10
-
-
ns
td(stop-RXRDY)
delay time from stop to RXRDY
[3] --1TRCLK
s
td(start-TXRDY)
delay time from start to TXRDY
[3] --8TRCLK
s
tw(CS)
CS pulse width
25 pF load
20
-
-
ns
td(CS)
CS delay time
25 pF load
10
-
-
ns
td(CS-Q)
delay time from CS to data output
25 pF load
-
-
40
ns
tdis(CS-QZ)
disable time from CS to high-impedance
data output
25 pF load
-
-
20
ns
th(CS-RWH)
hold time from CS to R/W HIGH
5
-
-
ns
td(RW)
R/W delay time
10
-
-
ns
tsu(D-CSH)
set-up time from data input to CS HIGH
5
-
-
ns
th(CSH-D)
data input hold time after CS HIGH
5
-
-
ns
td(modem-IRQL)
delay time from modem to IRQ LOW
-
-
50
ns
td(CS-IRQH)R
read delay time from CS to IRQ HIGH
-
-
50
ns
td(stop-IRQL)
delay time from stop to IRQ LOW
[3] --1TRCLK
s
td(CS-RXRDYH)R
read delay time from CS to RXRDY HIGH
-
-
50
ns
td(CS-TX)W
write delay time from CS to TX
[3] 8TRCLK
-
24TRCLK s
td(start-IRQL)
delay time from start to IRQ LOW
[3] --1TRCLK
s
td(CS-IRQH)W
write delay time from CS to IRQ HIGH
-
-
50
ns
td(CS-TXRDYH)W
write delay time from CS to TXRDY HIGH
-
-
50
ns
td(CS-Q)W
write delay time from CS to data output
-
-
50
ns
tw(RESET_N)
pulse width on pin RESET
10
-
-
ns
N
baud rate divisor
1
-
(216
− 1)
1
t
wclk
()
---------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com