Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C852LIB Datasheet(PDF) 63 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 55Page - NXP Semiconductors SC16C852LIB Datasheet HTML 56Page - NXP Semiconductors SC16C852LIB Datasheet HTML 57Page - NXP Semiconductors SC16C852LIB Datasheet HTML 58Page - NXP Semiconductors SC16C852LIB Datasheet HTML 59Page - NXP Semiconductors SC16C852LIB Datasheet HTML 60Page - NXP Semiconductors SC16C852LIB Datasheet HTML 61Page - NXP Semiconductors SC16C852LIB Datasheet HTML 62Page - NXP Semiconductors SC16C852LIB Datasheet HTML 63Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 63 / 63 page
background image
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
© NXP B.V. 2008.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 18 January 2008
Document identifier: SC16C852L_3
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
17. Contents
1
General description . . . . . . . . . . . . . . . . . . . . . . 1
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
4
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 3
5
Pinning information . . . . . . . . . . . . . . . . . . . . . . 5
5.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
5.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 8
6
Functional description . . . . . . . . . . . . . . . . . . 11
6.1
UART A-B functions . . . . . . . . . . . . . . . . . . . . 12
6.2
Extended mode (128-byte FIFO) . . . . . . . . . . 12
6.3
Internal registers . . . . . . . . . . . . . . . . . . . . . . . 13
6.4
FIFO operation . . . . . . . . . . . . . . . . . . . . . . . . 14
6.4.1
32-byte FIFO mode. . . . . . . . . . . . . . . . . . . . . 14
6.4.2
128-byte FIFO mode. . . . . . . . . . . . . . . . . . . . 14
6.5
Hardware flow control . . . . . . . . . . . . . . . . . . . 14
6.6
Software flow control . . . . . . . . . . . . . . . . . . . 15
6.7
Special character detect . . . . . . . . . . . . . . . . . 16
6.8
Interrupt priority and time-out interrupts . . . . . 16
6.9
Programmable baud rate generator . . . . . . . . 17
6.10
DMA operation . . . . . . . . . . . . . . . . . . . . . . . . 19
6.11
Loopback mode . . . . . . . . . . . . . . . . . . . . . . . 19
6.12
Sleep mode. . . . . . . . . . . . . . . . . . . . . . . . . . . 21
6.12.1
Conditions to enter Sleep mode . . . . . . . . . . . 21
6.12.2
Conditions to resume normal operation . . . . . 21
6.13
Low power feature . . . . . . . . . . . . . . . . . . . . . 21
6.14
RS-485 features . . . . . . . . . . . . . . . . . . . . . . . 22
6.14.1
Auto RS-485 RTS control . . . . . . . . . . . . . . . . 22
6.14.2
RS-485 RTS inversion . . . . . . . . . . . . . . . . . . 22
6.14.3
Auto 9-bit mode (RS-485) . . . . . . . . . . . . . . . . 22
6.14.3.1
Normal Multi-drop mode . . . . . . . . . . . . . . . . . 22
6.14.3.2
Auto address detection . . . . . . . . . . . . . . . . . . 23
7
Register descriptions . . . . . . . . . . . . . . . . . . . 23
7.1
Transmit (THR) and Receive (RHR) Holding
Registers. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
7.2
Interrupt Enable Register (IER) . . . . . . . . . . . 26
7.2.1
IER versus Transmit/Receive FIFO interrupt
mode operation. . . . . . . . . . . . . . . . . . . . . . . . 27
7.2.2
IER versus Receive/Transmit FIFO polled
mode operation. . . . . . . . . . . . . . . . . . . . . . . . 27
7.3
FIFO Control Register (FCR) . . . . . . . . . . . . . 28
7.3.1
DMA mode . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
7.3.1.1
Mode 0 (FCR bit 3 = 0) . . . . . . . . . . . . . . . . . . 28
7.3.1.2
Mode 1 (FCR bit 3 = 1) . . . . . . . . . . . . . . . . . . 28
7.3.2
FIFO mode . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
7.4
Interrupt Status Register (ISR) . . . . . . . . . . . . 30
7.5
Line Control Register (LCR) . . . . . . . . . . . . . . 31
7.6
Modem Control Register (MCR) . . . . . . . . . . . 32
7.7
Line Status Register (LSR) . . . . . . . . . . . . . . 33
7.8
Modem Status Register (MSR) . . . . . . . . . . . 34
7.9
Extra Feature Control Register (EFCR) . . . . . 35
7.10
Scratchpad Register (SPR) . . . . . . . . . . . . . . 35
7.11
Division Latch (DLL and DLM) . . . . . . . . . . . . 35
7.12
Transmit FIFO Level Count (TXLVLCNT) . . . . 35
7.13
Receive FIFO Level Count (RXLVLCNT) . . . . 35
7.14
Enhanced Feature Register (EFR). . . . . . . . . 36
7.15
Transmit Interrupt Level register (TXINTLVL) . 37
7.16
Receive Interrupt Level register (RXINTLVL) . 37
7.17
Flow Control Trigger Level High (FLWCNTH). 38
7.18
Flow Control Trigger Level Low (FLWCNTL) . 38
7.19
Clock Prescaler (CLKPRES) . . . . . . . . . . . . . 38
7.20
RS-485 turn-around time delay (RS485TIME) 39
7.21
Advanced Feature Control Register 2
(AFCR2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
7.22
Advanced Feature Control Register 1
(AFCR1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
7.23
SC16C852L external reset condition and
software reset. . . . . . . . . . . . . . . . . . . . . . . . . 41
8
Limiting values . . . . . . . . . . . . . . . . . . . . . . . . 42
9
Static characteristics . . . . . . . . . . . . . . . . . . . 42
10
Dynamic characteristics . . . . . . . . . . . . . . . . . 43
10.1
Timing diagrams. . . . . . . . . . . . . . . . . . . . . . . 45
11
Package outline . . . . . . . . . . . . . . . . . . . . . . . . 55
12
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
12.1
Introduction to soldering. . . . . . . . . . . . . . . . . 58
12.2
Wave and reflow soldering . . . . . . . . . . . . . . . 58
12.3
Wave soldering. . . . . . . . . . . . . . . . . . . . . . . . 58
12.4
Reflow soldering. . . . . . . . . . . . . . . . . . . . . . . 59
13
Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . 60
14
Revision history . . . . . . . . . . . . . . . . . . . . . . . 61
15
Legal information . . . . . . . . . . . . . . . . . . . . . . 62
15.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . 62
15.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . 62
15.3
Disclaimers. . . . . . . . . . . . . . . . . . . . . . . . . . . 62
15.4
Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . 62
16
Contact information . . . . . . . . . . . . . . . . . . . . 62
17
Contents. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com