Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C852LIB Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 8Page - NXP Semiconductors SC16C852LIB Datasheet HTML 9Page - NXP Semiconductors SC16C852LIB Datasheet HTML 10Page - NXP Semiconductors SC16C852LIB Datasheet HTML 11Page - NXP Semiconductors SC16C852LIB Datasheet HTML 12Page - NXP Semiconductors SC16C852LIB Datasheet HTML 13Page - NXP Semiconductors SC16C852LIB Datasheet HTML 14Page - NXP Semiconductors SC16C852LIB Datasheet HTML 15Page - NXP Semiconductors SC16C852LIB Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 63 page
background image
SC16C852L_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 18 January 2008
12 of 63
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
The SC16C852L is capable of operation up to 5 Mbit/s with an external 80 MHz clock.
With a crystal, the SC16C852L is capable of operation up to 1.5 Mbit/s.
The rich feature set of the SC16C852L is available through internal registers. These
features are: selectable and programmable receive and transmit FIFO trigger levels,
selectable TX and RX baud rates, and modem interface controls, and are all standard
features. Following a power-on reset, an external reset, or a software reset, the
SC16C852L is software compatible with the previous generation, SC16C2550,
SC16C652B, and ST16C2450.
6.1 UART A-B functions
The UART provides the user with the capability to bidirectionally transfer information
between an external CPU, the SC16C852L package, and an external serial device. A
logic 0 (LOW) on chip select pins CSA and/or CSB allows the user to configure, send
data, and/or receive data via UART channels A, B. Individual channel select functions are
shown in Table 3 and Table 4.
6.2 Extended mode (128-byte FIFO)
The device is in the extended mode when any of these four registers contains any value
other than 0: FLWCNTH, FLWCNTL, TXINTLVL, RXINTLVL.
Table 3.
Serial port selection (Intel interface)
H = HIGH; L = LOW.
Chip Select
Function
CSA = H, CSB = H
none
CSA = L
UART channel A
CSB = L
UART channel B
Table 4.
Serial port selection (Motorola interface)
H = HIGH; L = LOW.
Chip Select
Function
CS = H
none
CS = L, A3 = L
UART channel A
CS = L, A3 = H
UART channel B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com