Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GQM1555G2DR10WB01 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd

Part # GQM1555G2DR10WB01
Description  Ceramic Capacitors(SMD)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GQM1555G2DR10WB01 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd

Back Button GQM1555G2DR10WB01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd GQM1555G2DR10WB01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd GQM1555G2DR10WB01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd GQM1555G2DR10WB01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd GQM1555G2DR10WB01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd GQM1555G2DR10WB01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd GQM1555G2DR10WB01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd GQM1555G2DR10WB01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd GQM1555G2DR10WB01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Table A Capacitance Change between at Reference Temp. and at each Temp. (%)
Substrate Bending test
Except for Substrate Bending test
・Test substrate
・Test substrate
Material
JIS C 6484 Copper-clad laminated sheets for PCBs (Glass fabric base, epoxy resin)
Material
JIS C 6484 Copper-clad laminated sheets for PCBs (Glass fabric base, epoxy resin)
Thickness
0.8mm
Thickness
1.6mm or 0.8mm
Copper Foil Thickness 0.035mm
Copper Foil Thickness 0.035mm
Kind of Solder
Sn-3.0Ag-0.5Cu(Lead Free Solder)
Kind of Solder
Sn-3.0Ag-0.5Cu(Lead Free Solder)
・Land Dimension
・Land Dimension
・Pressurization Method
0.4
1.5
0.5
GQM15
0.4
1.5
0.5
GQM15
Type
Dimension(mm)
a
b
c
a
b
c
0.25
-0.11
Type
Dimension(mm)
5G
0.58
-0.24
0.4
-0.17
Char.
-55℃
-30℃
-10℃
Max.
Min.
Max.
Min.
Max.
Min.
GQM1555G2DR10WB01-01A
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com