Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GQM1555G2DR10WB01 Datasheet(PDF) 12 Page - Murata Manufacturing Co., Ltd

Part # GQM1555G2DR10WB01
Description  Ceramic Capacitors(SMD)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GQM1555G2DR10WB01 Datasheet(HTML) 12 Page - Murata Manufacturing Co., Ltd

Back Button GQM1555G2DR10WB01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd GQM1555G2DR10WB01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd GQM1555G2DR10WB01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd GQM1555G2DR10WB01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd GQM1555G2DR10WB01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd GQM1555G2DR10WB01 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd GQM1555G2DR10WB01 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd GQM1555G2DR10WB01 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd GQM1555G2DR10WB01 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
3. Applied Voltage
1. Do not apply a voltage to the capacitor that exceeds the rated voltage as called out in the specifications.
 1-1. Applied voltage between the terminals of a capacitor shall be less than or equal to the rated voltage.
(1) When AC voltage is superimposed on DC voltage, the zero-to-peak voltage shall not exceed the rated DC voltage. When AC voltage or pulse voltage is applied, the peak-to-peak voltage shall not exceed the rated DC voltage.
(2) Abnormal voltages (surge voltage, static electricity, pulse voltage, etc.) shall not exceed the rated DC voltage.
(E:Maximum possible applied voltage.)
 1-2. Influence of over voltage
Over voltage that is applied to the capacitor may result in an electrical short circuit caused by the breakdown of the internal dielectric layers. The time duration until breakdown depends on the applied voltage and the ambient temperature.
1-3. Moisture Proof (Application: GQM033 rated voltage 200V products)
To prevent the migration and degradation due to flux residue when a voltage more than DC100V is applied to the capacitor, keep parts under low moisture condition with resin coating and the equivalent.
DC Voltage
DC Voltage+AC
AC Voltage
Pulse Voltage
Typical Voltage Applied to the DC capacitor
GQM1555G2DR10WB01-01A
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com