Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GQM1555G2DR10WB01 Datasheet(PDF) 17 Page - Murata Manufacturing Co., Ltd

Part # GQM1555G2DR10WB01
Description  Ceramic Capacitors(SMD)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GQM1555G2DR10WB01 Datasheet(HTML) 17 Page - Murata Manufacturing Co., Ltd

Back Button GQM1555G2DR10WB01 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd GQM1555G2DR10WB01 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd GQM1555G2DR10WB01 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd GQM1555G2DR10WB01 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd GQM1555G2DR10WB01 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd GQM1555G2DR10WB01 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd GQM1555G2DR10WB01 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd GQM1555G2DR10WB01 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd GQM1555G2DR10WB01 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
4-1. Reflow Soldering
1. When sudden heat is applied to the components, the mechanical strength of the components will decrease
because a sudden temperature change causes deformation inside the components.
In order to prevent mechanical damage to the components, preheating is required for both the components and the PCB.
Preheating conditions are shown in table 1.
It is required to keep the temperature differential between the solder and the components surface (ΔT) as small as possible.
2. When components are immersed in solvent after mounting, be sure to maintain the temperature difference (ΔT)
between the component and the solvent within the range shown in the table 1.
Table 1
Recommended Conditions
In the case of repeated soldering, the accumulated
Lead Free Solder : Sn-3.0Ag-0.5Cu
soldering time must be within the range shown above.
3. When a capacitor is mounted at a temperature lower than the peak reflow temperature recommended by the solder manufacturer, the following quality problems can occur.
Consider factors such as the placement of peripheral components and the reflow temperature setting to prevent the capacitor’s reflow temperature from dropping below the peak temperature specified.
Be sure to evaluate the mounting situation beforehand and verify that none of the following problems occur.
・Drop in solder wettability
・Solder voids
・Possible occurrence of whiskering
・Drop in bonding strength
・Drop in self-alignment properties
・Possible occurrence of tombstones and/or shifting on the land patterns of the circuit board
4. Optimum Solder Amount for Reflow Soldering
 4-1. Overly thick application of solder paste results in a excessive solder fillet height. This makes the chip more susceptible to mechanical and thermal stress on the board and may cause the chips to crack.
 4-2. Too little solder paste results in a lack of adhesive strength on the termination, which may result in chips breaking loose from the PCB.
 4-3. Please confirm that solder has been applied smoothly to the termination.
Make sure not to impose any abnormal mechanical shocks to the PCB.
Inverting the PCB
Item
Lead Free Solder
Peak Temperature
240 to 260℃
Atmosphere
Air or N2
GQM
03/15/18/21
ΔT≦190℃
GQM
22
ΔT≦130℃
[ Standard Conditions for Reflow Soldering ]
Series
Chip Dimension(L/W) Code
Temperature Differential
[ Allowable Reflow Soldering Temperature and Time ]
GQM1555G2DR10WB01-01A
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com