Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9912LTR Datasheet(PDF) 70 Page - STMicroelectronics

Part # L9912LTR
Description  Automotive vehicle conform car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912LTR Datasheet(HTML) 70 Page - STMicroelectronics

Back Button L9912LTR Datasheet HTML 66Page - STMicroelectronics L9912LTR Datasheet HTML 67Page - STMicroelectronics L9912LTR Datasheet HTML 68Page - STMicroelectronics L9912LTR Datasheet HTML 69Page - STMicroelectronics L9912LTR Datasheet HTML 70Page - STMicroelectronics L9912LTR Datasheet HTML 71Page - STMicroelectronics L9912LTR Datasheet HTML 72Page - STMicroelectronics L9912LTR Datasheet HTML 73Page - STMicroelectronics L9912LTR Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 84 page
background image
SPI interface
L9912L
70/84
DocID029641 Rev 2
13.4.12
External POWER MOS register [0x03]
This register is used to configure Smart Power behavior
Table 54. EXTERNAL POWER MOS register [0x03]
Bit
Register name
Reset value
Description
13-12 CP_ITAIL
0
This two bits field set the charge pump
generator tail current:
0. 128 mA
1. 77 mA
2. 96 mA
3. 45 mA
An application has to select the appropriate
current as trade-off between the needed
current and the switching noise [5.3.19]
11
CP_Enable(1)(2)
0
To ensure low current in standby coming
from µC (POFF).
10
UV_DIS
0
To disable B+ Undervoltage Detection
In some conditions the regulation strategy
(LRC, Phase regulation, etc) could lead to
an undervoltage status: in order to avoid an
immediate stand-by condition activation,
the undervoltage detection must be
disabled
9
VCLTH_SEL
0
RC Protocol V Low Level Threshold
selection
8
EXTP_LS
0
Excitation Low Side configuration selection
7-5
EXTP_TOFFCURR
0
Turn off current strength [5.3.9]:
0: 1.65 mA
1: 0 mA
2: 4.95 mA
3: 3.3 mA
4: 8.25 mA
5: 6.6 mA
6: 11.55 mA
7: 9.0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com