Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9912LTR Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9912LTR
Description  Automotive vehicle conform car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912LTR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9912LTR Datasheet HTML 27Page - STMicroelectronics L9912LTR Datasheet HTML 28Page - STMicroelectronics L9912LTR Datasheet HTML 29Page - STMicroelectronics L9912LTR Datasheet HTML 30Page - STMicroelectronics L9912LTR Datasheet HTML 31Page - STMicroelectronics L9912LTR Datasheet HTML 32Page - STMicroelectronics L9912LTR Datasheet HTML 33Page - STMicroelectronics L9912LTR Datasheet HTML 34Page - STMicroelectronics L9912LTR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 84 page
background image
DocID029641 Rev 2
31/84
L9912L
Electrical specifications
83
Table 22. Electrical characteristics pin "CSA_IN"
#
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
1GainHS
Differential voltage gain
HS configuration
-
50
-
-
2VIDM_HS HS differential input voltage
HS configuration
GainHS = 50 V/V ± 12%
VICM_HS = 12 V
VIDM_HS = V(A+/B+)-V(CSA_IN)
15
-
90
mV
HS configuration
GainHS = 50 V/V ± 12%
VICM_HS = 24 V
VIDM_HS = V(A+/B+)-V(CSA_IN)
25
-
90
mV
3VICM_HS
Common mode input voltage
in high side configuration
High side configuration only
-
V(A+/
B+)
-V
4VCSOH
Output high level
HS configuration
I(CSA_OUT) = -400 μA
VDD-
0.4
VDD
-V
5VCSOL
Output low level
HS configuration
I(CSA_OUT) = 400 μA
-0.1
0.4
V
6
R
CSA_IN series resistance
-
-
36
-
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com