Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9912LTR Datasheet(PDF) 32 Page - STMicroelectronics

Part # L9912LTR
Description  Automotive vehicle conform car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912LTR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L9912LTR Datasheet HTML 28Page - STMicroelectronics L9912LTR Datasheet HTML 29Page - STMicroelectronics L9912LTR Datasheet HTML 30Page - STMicroelectronics L9912LTR Datasheet HTML 31Page - STMicroelectronics L9912LTR Datasheet HTML 32Page - STMicroelectronics L9912LTR Datasheet HTML 33Page - STMicroelectronics L9912LTR Datasheet HTML 34Page - STMicroelectronics L9912LTR Datasheet HTML 35Page - STMicroelectronics L9912LTR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 84 page
background image
Electrical specifications
L9912L
32/84
DocID029641 Rev 2
5.3.13
Pin "L"
L pin is used to drive the fault indicator lamp and the optional auxiliary load relay (lamp drive
mode).
Figure 11. L interface in lamp drive mode
The device exits the stand-by mode when the switch "Key" (see Figure 11) is closed (i.e.
V(L) > VLHTh).
The lamp is driven by an internal low side N-channel MOSFET whereas the relay is driven
by an internal high-side N-channel MOSFET.
The current in low side driver is limited to ILlimLS for a time tLOC, then the driver is switched
off and bit 2 of SPI read register 0x12 is set [13.4.6]; it can again be turned on by means of
a µC command.
The maximum power dissipation allowed is Pretry.
The application software must wait the proper time before turning the lamp driver on again
respecting the max power dissipation over a retry period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com