Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9924L Datasheet(PDF) 51 Page - STMicroelectronics

Part # L9924L
Description  Automotive vehicle conform truck car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9924L Datasheet(HTML) 51 Page - STMicroelectronics

Back Button L9924L Datasheet HTML 47Page - STMicroelectronics L9924L Datasheet HTML 48Page - STMicroelectronics L9924L Datasheet HTML 49Page - STMicroelectronics L9924L Datasheet HTML 50Page - STMicroelectronics L9924L Datasheet HTML 51Page - STMicroelectronics L9924L Datasheet HTML 52Page - STMicroelectronics L9924L Datasheet HTML 53Page - STMicroelectronics L9924L Datasheet HTML 54Page - STMicroelectronics L9924L Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 84 page
background image
DocID028840 Rev 3
51/84
L9924L
Watchdog
83
6.2
Watchdog error
A watch error occurs when the correct refresh word isn't sent in the correct time window; on
its occurrence the following behaviors are possible:
The Smart Power logic switches all the outputs off without resetting the microcontroller
The Smart Power logic switches all the outputs off and resets the microcontroller
On startup the system has 500 ms to configure or to disable the watchdog before an error.
The configuration is accomplished by writing the relevant SPI register.
On Power On reset the watchdog is configured to switch the outputs off leaving alive the
microcontroller whereas on Wakeup the watchdog keeps the configuration available before
entering the stand-by mode; this choice makes easier test and debug activities.
6.3
Watchdog freeze
The 500 ms watchdog startup window can be frozen by setting the INIT bit in the relevant
register: this option can be useful to give some more time to the software to accomplish
system initialization or to keep the watchdog frozen. In this condition it can be activated by
clearing the INIT bit.
6.4
Persistent watchdog failure
If, for any reason (HW or SW), the microcontroller is not in the condition to configure or to
freeze the watchdog unit the Smart Power logic will apply two sequences of 7 reset trials
before entering an idle state with the system definitively powered off. To eventually recover
the system, if possible, it is necessary to do a power on reset.
The picture shows the sequence: VDD is applied and NRES is released: after 7 consecutive
watchdog error occurrences VDD is released and a new 5 trials sequence is applied.
At the end of the sequence the Smart Power status depends on the key(s) status:
All keys off: the Smart Power enters the stand-by status
At least one key is on: the Smart Power remains alive with the power stages off
Figure 24. Persistent watchdog failure diagram
The watchdog reset count can be read and cleared through the relevant SPI register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com