Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9924L Datasheet(PDF) 81 Page - STMicroelectronics

Part # L9924L
Description  Automotive vehicle conform truck car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9924L Datasheet(HTML) 81 Page - STMicroelectronics

Back Button L9924L Datasheet HTML 76Page - STMicroelectronics L9924L Datasheet HTML 77Page - STMicroelectronics L9924L Datasheet HTML 78Page - STMicroelectronics L9924L Datasheet HTML 79Page - STMicroelectronics L9924L Datasheet HTML 80Page - STMicroelectronics L9924L Datasheet HTML 81Page - STMicroelectronics L9924L Datasheet HTML 82Page - STMicroelectronics L9924L Datasheet HTML 83Page - STMicroelectronics L9924L Datasheet HTML 84Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 81 / 84 page
background image
DocID028840 Rev 3
81/84
L9924L
Package information
83
Figure 28. TQFP44 (6X6 pad size) PCB soldering pad footprint
Table 62. TQFP44 (10x10x1.0 mm exp. pad down) package mechanical data
Ref
Dimensions
Millimeters
Inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
-
-
1.20
-
-
0.047
A1
0.05
-
0.15
0.002
-
0.006
A2
0.95
1.00
1.05
0.037
0.039
0.041
b
0.30
0.37
0.45
0.012
0.015
0.018
c
0.09
-
0.20
0.004
-
0.008
D
11.80
12.00
12.20
0.464
0.472
0.480
D1
9.80
10.00
10.20
0.386
0.394
0.401
D2
5.85
-
6.05
0.230
-
0.238
D3
-
8.00
-
-
0.315
E
11.80
12.00
12.20
0.464
0.472
0.480
E1
9.80
10.00
10.20
0.386
0.394
0.401
E2
5.85
-
6.05
0.230
-
0.238
E3
-
8.00
-
-
0.315
-
e
-
0.80
-
-
0.031
-
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
-
1.00
-
-
0.039
-
k
0°
3.5°7°
0°3.5°
7°
ccc
-
-
0.08
-
-
0.003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com