Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9924L Datasheet(PDF) 74 Page - STMicroelectronics

Part # L9924L
Description  Automotive vehicle conform truck car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9924L Datasheet(HTML) 74 Page - STMicroelectronics

Back Button L9924L Datasheet HTML 70Page - STMicroelectronics L9924L Datasheet HTML 71Page - STMicroelectronics L9924L Datasheet HTML 72Page - STMicroelectronics L9924L Datasheet HTML 73Page - STMicroelectronics L9924L Datasheet HTML 74Page - STMicroelectronics L9924L Datasheet HTML 75Page - STMicroelectronics L9924L Datasheet HTML 76Page - STMicroelectronics L9924L Datasheet HTML 77Page - STMicroelectronics L9924L Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 84 page
background image
SPI interface
L9924L
74/84
DocID028840 Rev 3
12.4.15
WATCHDOG CONFIG register [0x06]
Writing to this LOCKED register it is possible to configure the watchdog window parameters
(see the relevant chapter for more details):
Resolution
Start point
Duration
Table 57. WATCHDOG CONFIG register [0x06]
Bit
Register name
Reset value
Description
13-12 WDG_Timer_Resolution
3
00: 512 µs
01: 1024 µs
10: 2048 µs
11: 2048 µs (def value)
11-6
WDG_Valid_Window_Start
0x20
According to the resolution (512/1024/2048
µs) this parameter defines the watchdog
Window start point: 0-32.256/0-64.512/0-
129.024 µs
The default value is 32 that, with the 2048 µs
default resolution gives a 65.536 ms def
value
5-0
WDG_Window_Duration
0x20
According to the resolution (512/1024/2048
µs) this parameter defines the watchdog
Window duration: 0-32.256/0-64.512/0-
129.024 µs
The default value is 32 that, with the 2048 µs
default resolution gives a 65.536 ms def
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com