Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9942 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9942
Description  Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9942 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9942 Datasheet HTML 6Page - STMicroelectronics L9942 Datasheet HTML 7Page - STMicroelectronics L9942 Datasheet HTML 8Page - STMicroelectronics L9942 Datasheet HTML 9Page - STMicroelectronics L9942 Datasheet HTML 10Page - STMicroelectronics L9942 Datasheet HTML 11Page - STMicroelectronics L9942 Datasheet HTML 12Page - STMicroelectronics L9942 Datasheet HTML 13Page - STMicroelectronics L9942 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Device description
L9942
10/40
Doc ID 11778 Rev 7
2.5
Temperature warning and thermal shutdown
If junction temperature rises above Tj TW a temperature warning flag is set which is
detectable via the SPI. If junction temperature increases above the second threshold Tj SD,
the thermal shutdown bit will be set and power DMOS transistors of all output stages are
switched off to protect the device. In order to reactivate the output stages the junction
temperature must decrease below Tj SD -Tj SD HYS and the thermal shutdown bit has to be
cleared by the microcontroller.
2.6
Inductive loads
Each half bridge is built by an internally connected highside and a low-side power DMOS
transistor. Due to the built-in reverse diodes of the output transistors, inductive loads can be
driven without external free-wheeling diodes. In order to reduce the power dissipation during
free-wheeling condition the PWM controller will switch-on the output transistor parallel to the
freewheeling diode (synchronous rectification).
2.7
Cross-current protection
The four half-brides of the device are cross-current protected by an internal delay time
depending on the programmed slew rate. If one driver (LS or HS) is turned-off then
activation of the other driver of the same half bridge will be automatically delayed by the
cross-current protection time.
2.8
PWM current regulation
An internal current monitor output of each high-side and low-side transistor sources a
current image which has a fixed ratio of the instantaneous load current. This current images
are compared with the current limit in PWM control. Range of limit can reach from
programmed full scale value (register1 DAC Scale) down belonging LSB value of 5 bit DAC
(register1 DAC Phase x). The data of the two 5 bit DACs comes form set up in 9 current
profiles (register2 to 6). If signal changes to logic high at pin STEP then 2 current profiles
are moved in register1 for DAC Phase A and B. Number of profile depends on phase
counter reading and direction bit in register0 (Figure 7). The bridges are switched on until
the load current sensed at HS switch exceeds the limit. Load current comparator signal is
used to detect open load or overcurrent condition also.
2.9
Decay modes
During off-time the device will use one of several decay modes programmable by SPI
(Figure 4 top). In slow decay mode HS switches are activated after cross current protection
time for synchronous rectification to reduce the power dissipation (Figure 4 detail A). In fast
decay opposite half bridge will switched on after cross current protection time, that is same
like change in the direction. For mixed decay the duration of fast decay period before slow
decay can be set to a fixed time (Figure 4 detail B continuous line) or is triggered by under-
run of the load current limit (Figure 4 detail B dashed line), that can be detected at LS
switch. The special mode where the actual phase counter value is taken into account to
select the decay mode is called auto decay (e.g. in Figure 3 Micro Stepping DIR=1). If the
absolute value of the current limit is higher as during step before then PWM control uses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com