Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9942 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L9942
Description  Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9942 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L9942 Datasheet HTML 30Page - STMicroelectronics L9942 Datasheet HTML 31Page - STMicroelectronics L9942 Datasheet HTML 32Page - STMicroelectronics L9942 Datasheet HTML 33Page - STMicroelectronics L9942 Datasheet HTML 34Page - STMicroelectronics L9942 Datasheet HTML 35Page - STMicroelectronics L9942 Datasheet HTML 36Page - STMicroelectronics L9942 Datasheet HTML 37Page - STMicroelectronics L9942 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
Appendix
L9942
34/40
Doc ID 11778 Rev 7
bridge and current comparator has as new reference the overcurrent limit. A shortage to
ground can be detected, but not between the outputs.
Is it recommended to use the different fast decay modes too, especially in period if the load
current has to reduce from step to step. The duration of fast decay can set by fixed time ore
that it depends on the comparator signal utilizing the second current mirror at LS switch.
There can be monitored the undershoot of bridge current during OFF state.
Fast decay can be seen as switching the bridge in opposite direction, if it is compared to ON
state before. The load current control at HS switch is not used, but the comparator is still
active. The reference value is changed to overcurrent limit and a shortage to ground or now
between the outputs too will result in a signal. The internal filter time of at least 4 us will
inhibit the signal in many applications. Then you can use the mode “auto decay without any
delay time“ (On Section 5.1 mode 100). On page 12 you can find in the lower part of
Figure 3 the phase counter values, when fast decay as only part of mixed decay is used and
the shortages can be detected during a longer time. After this it is signalized in register 7 as
overcurrent in HS switch (e.g. in Figure 17 HSA1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com