Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9965T Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9965T
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965T Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9965T Datasheet HTML 9Page - STMicroelectronics L9965T Datasheet HTML 10Page - STMicroelectronics L9965T Datasheet HTML 11Page - STMicroelectronics L9965T Datasheet HTML 12Page - STMicroelectronics L9965T Datasheet HTML 13Page - STMicroelectronics L9965T Datasheet HTML 14Page - STMicroelectronics L9965T Datasheet HTML 15Page - STMicroelectronics L9965T Datasheet HTML 16Page - STMicroelectronics L9965T Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
State
Purpose
Reached
from
Condition
Active
resources
CYCLIC_WAKEUP
To perform
cyclic
diagnostics
during low
power
operation
CYCLIC_
COUNT
CYCLIC_WAKEUP timer expired (in sender mode)
Wake up Via VIF
Cyclic wakeup
diagnostic
routine
NORMAL
Full operation
DEEP
SLEEP
•
FAULT/WAKEUP tone received from VIF
•
CYCLIC_WAKEUP tone received from VIF
•
WAKEUP command received from SPI
All resources
fully operative
CYCLIC_
COUNT
•
FAULT/WAKEUP tone received from VIF
•
WAKEUP command received from SPI
•
CYCLIC_WAKEUP timeout expired (in listener
mode)
CYCLIC_
WAKEUP
•
Internal fault detected during diagnostic routine
•
FAULT/WAKEUP tone received from VIF
•
WAKEUP command received from SPI
For the special frames VIF FAULT/WAKEUP tone, VIF CYCLIC_WAKEUP tone and SPI WAKEUP sequence,
refer to Section 5.8.3.
5.1.1
NORMAL State and wakeup sources
In NORMAL mode all resources are fully available.
5.1.1.1
Wakeup Sources
The L9965T/TS responds to three wakeup sources:
•
Wakeup via VIF
–
The IC is daisy-chained on the VIF bus along with other companion chips, and can be woken up by
VIF special frames (CYCLIC WAKEUP or FAULT/WAKEUP frames) sent from another device (see
Section 5.8.3)
•
Wakeup via SPI
–
The IC can be woken up by any dummy frame received on the SPI
•
Self-Wakeup
–
A wakeup trigger is internally generated when the device is in CYCLIC_WAKEUP mode (see
Section 5.1.2).
The device can reach NORMAL state from low power states by the wakeup via SPI and via VIF sources,
described below.
Whenever a wakeup source is validated, the wakeup sequence is initiated and shall successfully end within
TWAKEUP_TIMEOUT. Otherwise, the IC returns to DEEPSLEEP state
5.1.1.1.1
Wakeup via VIF
When in DEEPSLEEP, CYCLIC_WAKEUP or CYCLIC_COUNT the IC is sensitive to wakeup signals incoming on
VIF port (see Section 5.8.3).
Figure 6 shows a typical application scenario where some L9965x in the chain has self-detected a fault and
wakes up the daisy-chain sending the FAULT/WAKEUP tone on both VIF ports.
The wakeup by fault of a VIF daisy chain device is an asynchronous event with respect to the CYCLIC_WAKEUP
thread managed in background by the L9965T/TS. Fault notification mechanism guarantees that the FAULT/
WAKEUP tone is correctly propagated at least in one direction, even in case of conflict with the
CYCLIC_WAKEUP tone.
Depending on the position of the sending L9965x in the daisy chain, the wakeup interrupt reaches the MCU in
approximately less than:
½*NVIF_STACK*TVIF_WAKEUP_TIME ≤ t ≤ NVIF_STACK*TVIF_WAKEUP_TIME.
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 13/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com