Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9965T Datasheet(PDF) 41 Page - STMicroelectronics

Part # L9965T
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965T Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L9965T Datasheet HTML 37Page - STMicroelectronics L9965T Datasheet HTML 38Page - STMicroelectronics L9965T Datasheet HTML 39Page - STMicroelectronics L9965T Datasheet HTML 40Page - STMicroelectronics L9965T Datasheet HTML 41Page - STMicroelectronics L9965T Datasheet HTML 42Page - STMicroelectronics L9965T Datasheet HTML 43Page - STMicroelectronics L9965T Datasheet HTML 44Page - STMicroelectronics L9965T Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 62 page
background image
Figure 16. Wakeup by MCU
5.8.3
Special Frames
This section lists the special frames associated to specific events.
5.8.3.1
SPI FAULT/WAKEUP command
This command can be sent by MCU SPI writing the data 0xAE in CMD_REG to request L9965T/TS the
transmission of FAULT/WAKEUP tone to VIF chain.
Table 37. IC reaction to FAULT/WAKEUP frame
IC STATE
IC reaction upon frame receipt
NORMAL
•
FAULT/WAKEUP tone transmitted on the VIF to wake up all the devices on the chain
CYCLIC_WAKEUP
CYCLIC_COUNT
•
Device moves to NORMAL within TVIF_WAKEUP_TIME
•
The sender/listener states of the L9965T is latched in the WAKEUP_CYCLIC_TRX_SENDER
•
Or WAKEUP_CYCLIC_TRX_LISTENER bits in register GEN_STATUS2
•
GEN_STATUS2.WAKEUP_FAULT_SPI = 1
•
The frame is not decoded
DEEPSLEEP
•
Device moves to NORMAL within TVIF_WAKEUP_TIME
•
GEN_STATUS2.WAKEUP_FAULT_SPI = 1
•
The frame is not decoded
5.8.3.2
SPI WAKEUP command
Whatever frame sent by MCU SPI on both daisy-chain ends wakes up the L9965T/TS from a low power state
(see Section 5.1.1.1.2).
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 41/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com