| Electronic Components Datasheet Search |
|
L9965T Datasheet(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9965T Datasheet(HTML) 15 Page - STMicroelectronics |
|
15 / 62 page ![]() Figure 7. Wakeup condition by SPI Slave Wakeup frames are not decoded: their content may be arbitrary. However, it is strongly recommended to send READ commands to avoid inadvertent write operations in case the device is already awake. 5.1.1.2 NORMAL State diagnostics In this state several diagnostic functions are available: 1. NVM data integrity check 2. Periodic check of registers data integrity, if configured by GENERAL_REG.CYC_CRC_DIS 3. Oscillator fail 4. Oscillator stuck: if detected, logic block is immediately put under reset and the device moves to DEEPSLEEP state (immediate reaction) 5. Oscillators monitor BIST 6. VB undervoltage 7. V3V3 overvoltage 8. V5V overvoltage 9. V5V undervoltage 10. V5V overcurrent 11. GND loss if configured by the GEN_CFG4.EN_GND_LOSS bit 12. Analog comparators BIST if configured by the GEN_CFG5.BIST_ANA_ENB = 1 a. VB undervoltage comparator analog BIST b. V3V3 overvoltage comparator analog BIST c. V5V undervoltage comparator analog BIST d. V5V overvoltage comparator analog BIST 13. WKP, FLT and BNE pins diagnostics 14. Thermal-shutdown monitoring 15. VIF communication monitoring 16. SPI communication monitoring. All the fault and events detected by L9965T/TS are latched in a corresponding status bits and can be read by the BMS MCU through SPI communication. The most relevant faults and events are reported, according to fault detection mask registers, in the internal GSW (Global Status Word). The OR combination of all the bits in the GSW is signaled by the FAULT bit of the SPI MISO frame shown in Table 26 and notified by the FLT pin (HIGH if at least one of the bits in the GSW is set) to trigger an MCU interrupt. Assert condition and behavior of each fault are described in detail in the related section. 5.1.2 CYCLIC_WAKEUP State When all the BMS system is in low power mode, the L9965T/TS can be configured to automatically trigger chain monitoring, according to the system topology (single access or ring), alternating CYCLIC_COUNT and CYCLIC_WAKEUP states. L9965T/L9965TS Functional description DS14987 - Rev 1 page 15/62 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |