Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9965TS Datasheet(PDF) 48 Page - STMicroelectronics

Part # L9965TS
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965TS Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L9965TS Datasheet HTML 44Page - STMicroelectronics L9965TS Datasheet HTML 45Page - STMicroelectronics L9965TS Datasheet HTML 46Page - STMicroelectronics L9965TS Datasheet HTML 47Page - STMicroelectronics L9965TS Datasheet HTML 48Page - STMicroelectronics L9965TS Datasheet HTML 49Page - STMicroelectronics L9965TS Datasheet HTML 50Page - STMicroelectronics L9965TS Datasheet HTML 51Page - STMicroelectronics L9965TS Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 62 page
background image
•
Diagnosis related to SPI or VIF communication events: ISO_ERR, FIFO_RX_EMPTY, FIFO_RX_FULL,
FIFO_TX_FULL, WAKEUP_FAULT_VIF, SPI_VIF_ID_ERR, SPI_COMM_CRC_ERR,
SPI_WRONG_ADDR, SPI_SHORT_FRAME, SPI_LONG_FRAM, ISO_COMM_CRC_ERR,
ISO_SHORT_FRAME, ISO_LONG_FRAME. In this case the status bits are always cleared by sw reset.
To reset the device configuration, the following procedure shall be implemented.
Procedure 4: Software reset
1. Write 0xE1 in the SPECIAL_REG register to enter in partial reset mode
2. Write 0x1E in the SPECIAL_REG register to confirm the reset
3. If required from the application, download the configuration from the NVM.
Since the NVM is re-downloaded at each wakeup, any new configuration should be pushed into the memory with
a “write” instruction (see Section 5.12.1). Otherwise, the previous configuration will be restored at the next
wakeup event.
5.12
Non-Volatile Memory (NVM)
Key device Device key configuration parameters can be stored in the internal NVM. For the registers that can be
saved to the NVM please refer to the device register map.
5.12.1
NVM Read/Write Operations
NVM data is automatically downloaded into local registers every time that the IC performs the following FSM
transitions:
•
DEEP SLEEP to NORMAL
•
CYCLIC_COUNT to CYCLIC_WAKEUP
•
CYCLIC_COUNT to NORMAL
When the IC performs FSM transitions to DEEPSLEEP or CYCLIC_COUNT state, a selected group of data stored
in local registers is retained to guarantee IC correct operation (VIF_ID_CFG, GEN_CFG1, GEN_CFG2,
GEN_CFG3), while all other data is lost. Such data will be re-downloaded in next transition to NORMAL.
When the IC performs FSM transitions to OFF state, all data stored in local registers is lost; NVM data will be re-
downloaded in next transition to NORMAL.
As the IC reaches NORMAL state, the following commands allow user interaction with the NVM:
•
GENERAL_REG.VM_OP_CMD=0x3 triggers the NVM upload and refresh: this operation fetches the data
previously written into configuration registers and writes it to the relative NVM sectors, then it automatically
triggers a full NVM re-download to guarantee whole data consistency. The operation lasts TNVM_UPLOAD
and during such time interval the MCU will not be able to perform R/W operations (any command will be
discarded)
•
GENERAL_REG.NVM_OP_CMD=0x5 triggers the NVM refresh, fetching the data from NVM sectors and
writing it to the configuration registers. The operation lasts TNVM_DOWNLOAD and during such time interval
the MCU will not be able to perform R/W operations (any command will be discarded)
During NVM upload/download operations, GENERAL_REG.NVM_READY bit is reset to ‘0’, indicating that NVM is
busy. Once the task is complete, the GENERAL_REG.NVM_READY is set; as no NVM read/write operation is
running, the NVM circuit is kept under reset.
To guarantee data retention, NVM write operation number must not exceed NNVM_WRITE_CYCLES; if such a limit is
exceeded, data retention is not guaranteed. The IC continues to accept and perform every write operation, even if
it is beyond NNVM_WRITE_CYCLES count. Every time a write operation is performed, the IC automatically updates
the GEN_CFG1.NVM_UPLOAD_COUNT counter field, stored in the NVM as well. The counter value saturates at
NNVM_WRITE_CYCLES: if a new write operation is done above the NNVM_WRITE_CYCLES limit, counter value is
increased at NNVM_WRITE_CYCLES+1 and will never be updated anymore.
5.12.2
NVM data integrity checks
Device trimming data and configuration data (used to configure IC operation) in VIF_ID_CFG, GEN_CFG1,
GEN_CFG2, GEN_CFG3 registers are stored in different sectors, each protected by its own CRC.
Every time the IC performs an NVM download operation (either automatic or user-driven), an integrity check of
the NVM CRC (sector by sector) is performed.
Every time the user triggers an NVM upload and refresh operation, the corresponding sector CRC is updated as
well; this is done by IC automatically.
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 48/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com