Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9965TS Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9965TS
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965TS Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9965TS Datasheet HTML 13Page - STMicroelectronics L9965TS Datasheet HTML 14Page - STMicroelectronics L9965TS Datasheet HTML 15Page - STMicroelectronics L9965TS Datasheet HTML 16Page - STMicroelectronics L9965TS Datasheet HTML 17Page - STMicroelectronics L9965TS Datasheet HTML 18Page - STMicroelectronics L9965TS Datasheet HTML 19Page - STMicroelectronics L9965TS Datasheet HTML 20Page - STMicroelectronics L9965TS Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 62 page
background image
Figure 8. CYCLIC_WAKEUP operation
The CYCLIC_WAKEUP state can be divided in three phases:
1. Transition phase from CYCLIC_COUNT to CYCLIC_WAKEUP state.
2. Diagnostic phase
3. CYCLIC_WAKEUP tone generation (see Section 5.8.3.7). CYCLIC_WAKEUP tone is generated only if there
aren’t fault recorded during diagnostic phase.
During CYCLIC_WAKEUP state every VIF data frame is not recognized by the device, and only FAULT/WAKEUP
tones (see Section 5.8.3.8) and SPI wakeup commands (see Section 5.8.3.2) are accepted.
Device reaction to incoming wake-up tones from VIF or from SPI Target are the following:
•
During transition phase from CYCLIC_COUNT to CYCLIC_WAKEUP state: IC moves to NORMAL and
sets FLT and WKP outputs (depending on the setting of WKP pin, see Section 5.9.3). Device never
completes the CYCLIC_WAKEUP phase.
•
During diagnostic phase: IC moves to NORMAL state (it becomes again sensitive to VIF communication)
and sets FLT and WKP outputs (depending on the setting of WKP pin, see Section 5.9.3); diagnostic
routine continues until completion.
•
During CYCLIC_WAKEUP tone generation device moves to NORMAL state.
5.1.2.2
CYCLIC_WAKEUP State diagnostics
During the CYCLIC_WAKEUP state the following diagnostics are automatically performed:
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 17/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com