Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9965TS Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9965TS
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965TS Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9965TS Datasheet HTML 11Page - STMicroelectronics L9965TS Datasheet HTML 12Page - STMicroelectronics L9965TS Datasheet HTML 13Page - STMicroelectronics L9965TS Datasheet HTML 14Page - STMicroelectronics L9965TS Datasheet HTML 15Page - STMicroelectronics L9965TS Datasheet HTML 16Page - STMicroelectronics L9965TS Datasheet HTML 17Page - STMicroelectronics L9965TS Datasheet HTML 18Page - STMicroelectronics L9965TS Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 62 page
background image
Figure 7. Wakeup condition by SPI Slave
Wakeup frames are not decoded: their content may be arbitrary. However, it is strongly recommended to send
READ commands to avoid inadvertent write operations in case the device is already awake.
5.1.1.2
NORMAL State diagnostics
In this state several diagnostic functions are available:
1. NVM data integrity check
2. Periodic check of registers data integrity, if configured by GENERAL_REG.CYC_CRC_DIS
3. Oscillator fail
4. Oscillator stuck: if detected, logic block is immediately put under reset and the device moves to DEEPSLEEP
state (immediate reaction)
5. Oscillators monitor BIST
6. VB undervoltage
7. V3V3 overvoltage
8. V5V overvoltage
9. V5V undervoltage
10. V5V overcurrent
11. GND loss if configured by the GEN_CFG4.EN_GND_LOSS bit
12. Analog comparators BIST if configured by the GEN_CFG5.BIST_ANA_ENB = 1
a. VB undervoltage comparator analog BIST
b. V3V3 overvoltage comparator analog BIST
c. V5V undervoltage comparator analog BIST
d. V5V overvoltage comparator analog BIST
13. WKP, FLT and BNE pins diagnostics
14. Thermal-shutdown monitoring
15. VIF communication monitoring
16. SPI communication monitoring.
All the fault and events detected by L9965T/TS are latched in a corresponding status bits and can be read by the
BMS MCU through SPI communication.
The most relevant faults and events are reported, according to fault detection mask registers, in the internal GSW
(Global Status Word). The OR combination of all the bits in the GSW is signaled by the FAULT bit of the SPI
MISO frame shown in Table 26 and notified by the FLT pin (HIGH if at least one of the bits in the GSW is set) to
trigger an MCU interrupt.
Assert condition and behavior of each fault are described in detail in the related section.
5.1.2
CYCLIC_WAKEUP State
When all the BMS system is in low power mode, the L9965T/TS can be configured to automatically trigger chain
monitoring, according to the system topology (single access or ring), alternating CYCLIC_COUNT and
CYCLIC_WAKEUP states.
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 15/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com