Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DST-SW-V Datasheet(PDF) 32 Page - Greenlee Communications

Part # DST-SW-V
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-V Datasheet(HTML) 32 Page - Greenlee Communications

Back Button DST-SW-V Datasheet HTML 28Page - Greenlee Communications DST-SW-V Datasheet HTML 29Page - Greenlee Communications DST-SW-V Datasheet HTML 30Page - Greenlee Communications DST-SW-V Datasheet HTML 31Page - Greenlee Communications DST-SW-V Datasheet HTML 32Page - Greenlee Communications DST-SW-V Datasheet HTML 33Page - Greenlee Communications DST-SW-V Datasheet HTML 34Page - Greenlee Communications DST-SW-V Datasheet HTML 35Page - Greenlee Communications DST-SW-V Datasheet HTML 36Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 108 page
background image
308
COMMUNICATIONS
TRUSTED
SINCE
1862
COPPER & DSL TESTING
www.greenlee.com
468
Wiremap Tester
• Quickly identifies opens, shorts, reversals and transposed pairs
• Economical tester includes all the basic functions
• Connecting the receiver unit automatically activates the test process
• Sequencing red and green LEDs provide fast, accurate
and simple-to-understand results
• Alerts the technician if connected to an active circuit without harming the unit
• Connect any eight-position modular plug to the appropriate jack on the
transmitter and a sweeping tone signal is applied to all pairs
• At the far end of the cable, use any Greenlee Communications inductive
amplifier (probe) to locate the corresponding plug or jack
• Battery operated (9V not included)
CAT. NO.
UPC NO.
DESCRIPTION
468
08661
Wiremap Tester
468C
60382
Carrying Case for the Wiremap Tester
468T
60379
Transmitter
468R
60380
Receiver
CSI0
60381
Modular Adapter Cable
Data/Link ID and Cable-Check™
CAT. NO.
DESCRIPTION
PA1576
Data/Link ID and Cable-Check™
• Cable mapping function tests data & phone connection schemes including
patch cords and installed cables
• Identifies cross-over telephone connections
• Detects PC (NIC) & HUB data transmissions and PC (NIC) & HUB NLP or FLP
link pulse
• Identify data & link transmission speeds with real time detection: 100/10 MB
• Automatically scans with choice of slow or fast speeds
• Low battery detection on LAN ID tester
• Includes 9V battery, 2 RJ45 patch cords and durable nylon carrying case
with belt loop
PA1576



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com