Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DST-SW-V Datasheet(PDF) 14 Page - Greenlee Communications

Part # DST-SW-V
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-V Datasheet(HTML) 14 Page - Greenlee Communications

Back Button DST-SW-V Datasheet HTML 10Page - Greenlee Communications DST-SW-V Datasheet HTML 11Page - Greenlee Communications DST-SW-V Datasheet HTML 12Page - Greenlee Communications DST-SW-V Datasheet HTML 13Page - Greenlee Communications DST-SW-V Datasheet HTML 14Page - Greenlee Communications DST-SW-V Datasheet HTML 15Page - Greenlee Communications DST-SW-V Datasheet HTML 16Page - Greenlee Communications DST-SW-V Datasheet HTML 17Page - Greenlee Communications DST-SW-V Datasheet HTML 18Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 108 page
background image
290
COMMUNICATIONS
TRUSTED
SINCE
1862
COPPER & DSL TESTING
www.greenlee.com
TelScout® TS90
• Two Pair Test Capability
• One-Step Setup
• Automatic Instrument Control Mode
• 45,000' (15 km) Fault Location Capability
• Splash and Drip Proof
• Single-Button Zoom Function
• Pair Comparison Mode
• Splits/Crosstalk Mode
• Intermittent Fault Location
• Measures Distance to Fault in Feet, Meters, or Time
• Configurable for Any Cable Type and Vp (0.300 to 1.000)
• Accurate (±3 ft. at 10,000 ft.)
• On-line Tutorials
• Large Backlit Display
CAT. NO.
UPC NO.
DESCRIPTION
TS90INTL
26345
Telescout, International TS90
012154500
60740
Leads
THM5BAT
60756
Rechargeable Battery Pack
SPECIFICATIONS
Environmental Temperature –
Operating: 32° F to 77°F (0° C to +45° C).
Non-operating: 12° F to 92°F (-20° C to +60°
C).Humidity – 95% RH, non-condensing.
EMI Emissions –
EN55011 class A.
EN60555-2.
Power
Battery Operation –
Battery Type: Six AA Alkaline.
Operating Time: >4.5 hrs. with backlight off.
Battery Saver:
Selectable for 5 to 30 minutes or disabled.
SPECIFICATIONS
Physical
Dimensions
in.
mm
Height
5.6
141
Width
8.3
211
Depth
1.8
43
Weight
.lb
kg.
Net
2.2
1
TurTEL® Modular Adapters/Polarity Tester
• Use with tone generators, test sets and other test devices to troubleshoot
and isolate problems with telephone circuits
• Two jacks allow in-line testing without service interruption
• The TurTEL 8 has two eight-position, eight-wire jacks
• Simple, push button operation to check polarity and power
• Reduced chance of shorting adjacent alligator clips due to unique shape
• Test contacts are perforated to provide sure grip for alligator clips or use
of probes
• Patch cord included
• Heavy-duty stainless steel belt clip
CAT. NO.
UPC NO.
DESCRIPTION
46050
46050
TurTEL 8 Modular Adapter
46050
TS90INTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com