Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DST-SW-V Datasheet(PDF) 61 Page - Greenlee Communications

Part # DST-SW-V
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-V Datasheet(HTML) 61 Page - Greenlee Communications

Back Button DST-SW-V Datasheet HTML 57Page - Greenlee Communications DST-SW-V Datasheet HTML 58Page - Greenlee Communications DST-SW-V Datasheet HTML 59Page - Greenlee Communications DST-SW-V Datasheet HTML 60Page - Greenlee Communications DST-SW-V Datasheet HTML 61Page - Greenlee Communications DST-SW-V Datasheet HTML 62Page - Greenlee Communications DST-SW-V Datasheet HTML 63Page - Greenlee Communications DST-SW-V Datasheet HTML 64Page - Greenlee Communications DST-SW-V Datasheet HTML 65Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 108 page
background image
337
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
• Precision ground stripping cavities for:
– 2.0 mm outer jacket
– 900 µm buffer insulation
– 250 µm buffer/acrylate
• Factory calibrated
ProGrip 3-in-1 Fiber Optic Stripper
CAT. NO.
DESCRIPTION
PA1177
ProGrip 3-in-1 Fiber Optic Stripper
• Precision ground stripping cavities for:
– 2.0 - 2.4 mm outer jacket
– 2.0 - 3.0 mm loose tube
– 2.8 - 3.0 mm outer jacket
– 900 µm buffer insulation
– 900/125 µm and 250/125 µm buffer/acrylate
• Factory calibrated
ProGrip 5-in-1 Fiber Optic Stripper
CAT. NO.
DESCRIPTION
PA1171
ProGrip 5-in-1 Fiber Optic Stripper
• Cut protective Kevlar strands in fiber optic cable
• Hard-chromed serrated edges to easily cut through Kevlar
• Comfortable handles with large finger openings
• 7.75" (197 mm) long
Economy Kevlar® Cutter
CAT. NO.
DESCRIPTION
WEIGHT
PA1511
Economy Kevlar Cutter
2 oz
Kevlar is a registered trademark of E.I. Dupont, Inc.
• Pre-calibrated and factory set to ensure precision
• Bright orange rubber dipped handles
• Lock closure for safety and transport
• Tool is for stripping 2.0-3.0 mm Fiber Optic cable, micron-cladded core
• 5" (127 mm) long
Economy Fiber Optic Stripper
CAT. NO.
DESCRIPTION
WEIGHT
PA1162
Economy Fiber Optic Stripper
3 oz
SPECIFICATIONS
Weight
3 oz. (86 g)
Length
5" (127 mm)
FIBER OPTIC HAND TOOLS
PA1171
PA1177
PA1511
PA1162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com