Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA210 Datasheet(PDF) 35 Page - Texas Instruments

Part # INA210
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA210 Datasheet(HTML) 35 Page - Texas Instruments

Back Button INA210 Datasheet HTML 31Page - Texas Instruments INA210 Datasheet HTML 32Page - Texas Instruments INA210 Datasheet HTML 33Page - Texas Instruments INA210 Datasheet HTML 34Page - Texas Instruments INA210 Datasheet HTML 35Page - Texas Instruments INA210 Datasheet HTML 36Page - Texas Instruments INA210 Datasheet HTML 37Page - Texas Instruments INA210 Datasheet HTML 38Page - Texas Instruments INA210 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
Table 7-36. Mask/Enable Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
0
CVRF
R/W
0h
Conversion-ready flag. Although the INA3221 can be read at any time, and the data
from the last conversion are available, the conversion ready bit is provided to help
coordinate single-shot conversions. The conversion bit is set after all conversions are
complete. Conversion ready clears under the following conditions:
1.
Writing the Configuration register (except for power-down or disable-mode
selections).
2.
Reading the Mask/Enable register.
7.6.2.17 Power-valid Upper-limit Register (address = 10h) [reset = 2710h]
This register contains the value used to determine if the power-valid conditions are met. The power-valid
condition is reached when all bus-voltage channels exceed the value set in this limit register. When the power-
valid condition is met, the PV alert pin asserts high to indicate that the INA3221 has confirmed all bus voltage
channels are above the power-valid upper-limit value. For the power-valid conditions to be monitored, the bus
measurements must be enabled through one of the corresponding MODE bits set in the Configuration register.
The power-valid upper-limit LSB value is 8mV. Power-on reset value is 2710h = 10.000V.
Table 7-37. Power-Valid Upper-Limit Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SIGN
PVU11 PVU10 PVU9
PVU8
PVU7
PVU6
PVU5
PVU4
PVU3
PVU2
PVU1
PVU0
—
—
—
R-0
RW-0
RW-1
RW-0
RW-0
RW-1
RW-1
RW-1
RW-0
RW-0
RW-0
RW-1
RW-0
RW-0
RW-0
RW-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 7-38. Power-Valid Upper-Limit Register Field Descriptions
Bit
Field
Type
Reset
Description
15
SIGN
R
0h
Power-valid upper-limit data bits
14-3
PVU11-0
R/W
4E2h
Power-valid upper-limit data bits
2-0
Reserved
R/W
0h
Reserved
7.6.2.18 Power-Valid Lower-Limit Register (address = 11h) [reset = 2328h]
This register contains the value used to determine if any of the bus-voltage channels drops below the power-
valid lower-limit when the power-valid conditions are met. This limit contains the value used to compare all
bus-channel readings to verify that all channels remain above the power-valid lower-limit, thus maintaining
the power-valid condition. If any bus-voltage channel drops below the power-valid lower-limit, the PV alert pin
pulls low to indicate that the INA3221 detects a bus voltage reading below the power-valid lower-limit. For the
power-valid condition to be monitored, the bus measurements must be enabled through the mode (MODE3-1)
bits set in the Configuration register. The power-valid lower-limit LSB value is 8mV. Power-on reset value is
2328h = 9.000V.
Table 7-39. Power-Valid Lower-Limit Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SIGN
PVL11 PVL10
PVL9
PVL8
PVL7
PVL6
PVL5
PVL4
PVL3
PVL2
PVL1
PVL0
—
—
—
R-0
RW-0
RW-1
RW-0
RW-0
RW-0
RW-1
RW-1
RW-0
RW-0
RW-1
RW-0
RW-1
RW-0
RW-0
RW-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 7-40. Power-Valid Lower-Limit Register Field Descriptions
Bit
Field
Type
Reset
Description
15
SIGN
R
0h
Power-valid lower-limit data bits
14-3
PVL11-0
R/W
465h
Power-valid lower-limit data bits
www.ti.com
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com