Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA210 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA210
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA210 Datasheet(HTML) 1 Page - Texas Instruments

  INA210 Datasheet HTML 1Page - Texas Instruments INA210 Datasheet HTML 2Page - Texas Instruments INA210 Datasheet HTML 3Page - Texas Instruments INA210 Datasheet HTML 4Page - Texas Instruments INA210 Datasheet HTML 5Page - Texas Instruments INA210 Datasheet HTML 6Page - Texas Instruments INA210 Datasheet HTML 7Page - Texas Instruments INA210 Datasheet HTML 8Page - Texas Instruments INA210 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With
Alerts
1 Features
• Senses bus voltages from 0V to 26V
• Reports shunt and bus voltage
• High accuracy:
– Offset voltage: ±80µV (maximum)
– Gain error: 0.25% (maximum)
• Configurable averaging options
• Four programmable addresses
• Programmable alert and warning outputs
• Power-supply operation: 2.7V to 5.5V
2 Applications
• Computers
• Power management
• Telecom equipment
• Battery chargers
• Power supplies
• Test equipment
• Data Centers
3 Description
The INA3221 is a three-channel, high-side current
and bus voltage monitor with an I2C- and SMBUS-
compatible interface. The INA3221 monitors both
shunt voltage drops and bus supply voltages, in
addition to having programmable conversion times
and averaging modes for these signals. The INA3221
offers both critical and warning alerts to detect
multiple programmable out-of-range conditions for
each channel.
The INA3221 senses current on buses that can vary
from 0V to 26V. The device is powered from a
single 2.7V to 5.5V supply, and draws 350μA (typ)
of supply current. The INA3221 is specified over the
operating temperature range of –40°C to +125°C. The
I2C- and SMBUS-compatible interface features four
programmable addresses.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
INA3221
RGV (VQFN, 16)
4.00mm × 4.00mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
Power Supply
(0V to 26V)
Load 1
Load 2
Power Supply
(0V to 26V)
Load 3
Power Supply
(0V to 26V)
CBYPASS
0.1µF
VS (Supply
Voltage)
CH 1
CH 2
VIN–1
VIN+1
VIN–2
VIN+2
CH 3
VIN–3
VIN+3
I
2C-
and
SMBus-
Compatible
Interface
SDA
SCL
A0
Critical
Warning
GND
ADC
Shunt
Voltages 1-3
Critical Limit
Alerts 1-3
Bus
Voltages 1-3
Power Valid (PV)
Timing Control (TC)
Shunt Voltage
Sum Alerts
VS
VPU
10kΩ
VPU
10kΩ
Typical Application
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA210 TI-INA210 Datasheet
581Kb / 17P
Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA210 TI-INA210 Datasheet
583Kb / 17P
Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
INA210 TI1-INA210 Datasheet
1Mb / 29P
Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
INA210 TI-INA210 Datasheet
961Kb / 33P
High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
INA210 TI1-INA210 Datasheet
1Mb / 30P
Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
More results

Similar Description - INA210

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4151 LINER-LTC4151 Datasheet
239Kb / 16P
High Voltage I2C Current and Voltage Monitor
DC1338A LINER-DC1338A Datasheet
821Kb / 6P
LTC2990 I2C Temperature Voltage and Current Monitor
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
I2C Temperature, Voltage and Current Monitor
LTC2990 LINER-LTC2990_15 Datasheet
300Kb / 24P
Quad I2C Voltage, Current and Temperature Monitor
LTC4151 LINER-LTC4151_15 Datasheet
441Kb / 18P
High Voltage I2C Current and Voltage Monitor
logo
Texas Instruments
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA3221-Q1 TI1-INA3221-Q1 Datasheet
1Mb / 45P
Current and Voltage Monitor with Programmable Overcurrent Alerts
logo
ON Semiconductor
NCP45491 ONSEMI-NCP45491 Datasheet
153Kb / 10P
26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
August, 2018 ??Rev. 2
NCP45492 ONSEMI-NCP45492 Datasheet
221Kb / 12P
26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
June, 2020 ??Rev. 1
logo
Texas Instruments
INA230 TI-INA230_V01 Datasheet
2Mb / 44P
INA230 36-V, 16-Bit, I2C Output Current, Voltage and Power Monitor With Alert
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com